Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3686 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 11Page - Monolithic Power Systems MPM3686 Datasheet HTML 12Page - Monolithic Power Systems MPM3686 Datasheet HTML 13Page - Monolithic Power Systems MPM3686 Datasheet HTML 14Page - Monolithic Power Systems MPM3686 Datasheet HTML 15Page - Monolithic Power Systems MPM3686 Datasheet HTML 16Page - Monolithic Power Systems MPM3686 Datasheet HTML 17Page - Monolithic Power Systems MPM3686 Datasheet HTML 18Page - Monolithic Power Systems MPM3686 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
15
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Low-Side Negative Current Limit
: If the sensed
LS-FET negative current exceeds the negative
current limit, the LS-FET turns off immediately
and stays OFF for the remainder of the OFF
period. In this situation, both MOSFETs are OFF
until the end of a fixed interval. The HS-FET body
diode conducts the inductor current for the fixed
time.
Over -Voltage Protection (OVP)
The MPM3686 monitors the output voltage using
the FB pin connected to the tap of a resistor
divider to detect over-voltage. It provides non-
latch OVP mode.
If the FB voltage exceeds the nominal REF
voltage but remains lower than 120% of the REF
voltage (0.611V), both MOSFETs are off.
If the FB voltage exceeds 120% of the REF
voltage but remains below 130%, the LS-FET
turns on while the HS-FET remains off. The LS-
FET remains on until the FB voltage drops below
110% of the REF voltage or the low-side
negative current limit is hit.
If the FB voltage exceeds 130% of the REF
voltage, it enters a non-latch mode. The LS-FET
remains on until the FB voltage drops below
110% of the REF voltage, and the MPM3686
initiates a new SS to rise back to regulation level
and operates normally again.
UVLO protection
The MPM3686 has under-voltage lock-out
protection (UVLO). When the VCC voltage
exceeds
the
UVLO
rising
threshold,
the
MPM3686 powers up. It shuts off when the VCC
voltage falls below the UVLO falling threshold
voltage. This is non-latch protection. The
MPM3686 is disabled when the VCC voltage falls
below 3.3 V. If an application requires a higher
UVLO threshold, use the two external resistors
connected to the EN pin as shown in Figure 9 to
adjust the startup input voltage. For best results,
use the enable resistors to set the input voltage
falling threshold (VSTOP) above 3.6 V. Set the
rising threshold (VSTART) to provide enough
hysteresis to account for any input supply
variations.
EN Comparator
RUP
RDOWN
IN
EN
Figure 7—Adjustable UVLO Threshold
Thermal Shutdown
The MPM3686 has thermal shutdown. The IC
internally monitors the junction temperature. If
the junction temperature exceeds the threshold
value (minimum 150ºC), the converter shuts off.
This is a non-latch protection. There is about
25ºC hysteresis. Once the junction temperature
drops to about 125ºC, it initiates a soft startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com