Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3686 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 11Page - Monolithic Power Systems MPM3686 Datasheet HTML 12Page - Monolithic Power Systems MPM3686 Datasheet HTML 13Page - Monolithic Power Systems MPM3686 Datasheet HTML 14Page - Monolithic Power Systems MPM3686 Datasheet HTML 15Page - Monolithic Power Systems MPM3686 Datasheet HTML 16Page - Monolithic Power Systems MPM3686 Datasheet HTML 17Page - Monolithic Power Systems MPM3686 Datasheet HTML 18Page - Monolithic Power Systems MPM3686 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
17
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
For simplification, choose an input capacitor with
an RMS current rating that exceeds half the
maximum load current.
The input capacitance value determines the
converter input voltage ripple. Select a capacitor
value that meets any input voltage ripple
requirements.
Estimate the input voltage ripple as follows:
)
V
V
1
(
V
V
C
F
I
V
IN
OUT
IN
OUT
IN
SW
OUT
IN
(18)
The worst-case condition occurs at VIN = 2VOUT,
where:
IN
SW
OUT
IN
C
F
I
4
1
V
(19)
PCB Layout Recommendations
1. Place the input/output capacitors on the same
side of the MPM3686, and as close to the
MPM3686 package as possible.
2. A solid system ground layer is required to be
placed immediately below the surface layer with
the MPM3686.
3. Thermal VIAs (18 mil diameter and 8 mil hole
size) are required to be placed underneath the
GND, IN and VOUT pads, as well as the edges
of the MPM3686 and the input/output capacitors.
4. Keep the DC_trim traces as short as possible.
Figure 10
CIN1
CIN2
COUT1
COUT2
SW
Rtrim
Ctrim
IN
VOUT
GND
COUT3
CIN3
PG
VCC
AGND
SS
AGND
EN
>FERQ
VIN
DC_trim>
FREQ>
AGND
N/C
BST
VOUT
SW
SW
SW
SW
N/C
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com