Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3820 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPM3820
Description  6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3820 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPM3820 Datasheet HTML 1Page - Monolithic Power Systems MPM3820 Datasheet HTML 2Page - Monolithic Power Systems MPM3820 Datasheet HTML 3Page - Monolithic Power Systems MPM3820 Datasheet HTML 4Page - Monolithic Power Systems MPM3820 Datasheet HTML 5Page - Monolithic Power Systems MPM3820 Datasheet HTML 6Page - Monolithic Power Systems MPM3820 Datasheet HTML 7Page - Monolithic Power Systems MPM3820 Datasheet HTML 8Page - Monolithic Power Systems MPM3820 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPM3820 – 2A, 6V, SIMPLE MODULE WITH INTEGRATED INDUCTOR
MPM3820 Rev. 1.21
www.MonolithicPower.com
4
6/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6V, TJ = -40°C to +125°C, Typical value is tested at TJ = +25°C. The limit over temperature
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
VEN=0V, TJ=25°C
0
1
μA
Supply Current (Quiescent)
VEN=2V, VFB=0.63V,
VIN=3.6V
40
μA
Thermal Shutdown
(5)
160
°C
Thermal Hysteresis
(5)
30
°C
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com