Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3820 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPM3820
Description  6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3820 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPM3820 Datasheet HTML 8Page - Monolithic Power Systems MPM3820 Datasheet HTML 9Page - Monolithic Power Systems MPM3820 Datasheet HTML 10Page - Monolithic Power Systems MPM3820 Datasheet HTML 11Page - Monolithic Power Systems MPM3820 Datasheet HTML 12Page - Monolithic Power Systems MPM3820 Datasheet HTML 13Page - Monolithic Power Systems MPM3820 Datasheet HTML 14Page - Monolithic Power Systems MPM3820 Datasheet HTML 15Page - Monolithic Power Systems MPM3820 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MPM3820 – 2A, 6V, SIMPLE MODULE WITH INTEGRATED INDUCTOR
MPM3820 Rev. 1.21
www.MonolithicPower.com
12
6/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The DC-DC module has a small surface-mount
QFN-20(3mm x 5mm x 1.6mm) package. The
module’s integrated inductor simplifies the
schematic and layout design. Only FB resistors
and input and output capacitors are needed to
complete the design. MPM3820 uses constant
on-time control (COT) with input voltage feed
forward to stabilize the switching frequency
over a full-input range. At light load, MPM3820
employs a proprietary control of the low-side
switch and inductor current on switching node
and improve efficiency.
Constant On-Time Control (COT)
Compared to a fixed-frequency PWM control,
constant on-time control (COT) offers the
advantage of a simpler control loop and faster
transient response. Using input voltage feed
forward, the MPM3820 maintains a nearly
constant switching frequency across the input and
output voltage range.
The on-time of the
switching pulse is estimated as follows:
OUT
ON
IN
V
T0.833 s
V
=×
μ
To prevent inductor current run away during load
transition, MPM3820 fixes the minimum off time
to 30ns. However, this minimum off-time limit
does not affect operation in a steady state.
Light Load Operation
In a light-load condition, MPM3820 uses a
proprietary control scheme to save power and
improve efficiency. There is a zero current
cross detect circuit (ZCD) to judge if the
inductor current starts to reverse. When the
inductor current touch ZCD threshold, the low
side switch will start to be turned off.
The DCM mode happens only after low side
switch turned off by ZCD circuit. Considering
the ZCD circuit propagation time, the typical
delay is 20ns. This means the inductor current
continues to fall after the ZCD is triggered. If the
inductor current falling slew rate is fast (Vo
voltage is high or close to Vin), the low-side
MOSFET turns off (this means the inductor
current may be negative). This does not allow
the MPM3820 to enter DCM.
If DCM is required, the off-time of the low-side
MOSFET in continuous conduction mode (CCM)
should be longer than 40ns. It means the
maximum duty is 95% to guarantee DCM mode
at light load.
For example, if Vin is 3.4V and Vo is 3.3V, the
off-time in CCM is 25ns. It is difficult to enter
DCM at light load.
Enable (EN)
If the input voltage is greater than the under-
voltage lockout threshold (UVLO), typically 2.5V,
MPM3820 is enabled by pulling EN above 1.2V.
Leaving EN to float or be pulled down to ground
disables MPM3820. There is an internal 1MΩ
resistor from EN to ground.
Soft Start/Stop
MPM3820 has a built-in soft-start that ramps up
the output voltage in a controlled slew rate. This
avoids overshoot at startup. The soft-start time
is about 1.5ms typically.
At disable, MPM3820 ramps down the internal
reference thus allow the load to linearly
discharge the output. During soft stop time, the
low side internal MOSFET will switch to control
the slew rate of output voltage which follows the
internal reference. Under light load and large
output capacitor condition, the large energy
stored in output capacitor will be transferred to
input capacitor through the inductor. The
topology is changed into a boost converter after
VOUT and VIN role exchange. The boost
voltage causes an overshoot on input capacitor;
sometimes this overshoot is higher than the
VABS (the ABSOLUTE maximum value) of
input pin and can damage the IC. To prevent
this situation, the input capacitor needs to be
large enough to absorb this energy.
The energy stored in the output capacitor will
be transferred to input capacitor. Consider the
conduction loss on inductor, HS/LS MOS and
so on, estimate 80% transfer efficiency of boost
converter. Therefore the transferred energy can
be calculated by below equation:
WBOOST=0.5 x COUT x VOUT2 x 0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com