Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5032 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5032
Description  QC 3.0 Controller with Integrated Current-Limit Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5032 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5032 Datasheet HTML 8Page - Monolithic Power Systems MP5032 Datasheet HTML 9Page - Monolithic Power Systems MP5032 Datasheet HTML 10Page - Monolithic Power Systems MP5032 Datasheet HTML 11Page - Monolithic Power Systems MP5032 Datasheet HTML 12Page - Monolithic Power Systems MP5032 Datasheet HTML 13Page - Monolithic Power Systems MP5032 Datasheet HTML 14Page - Monolithic Power Systems MP5032 Datasheet HTML 15Page - Monolithic Power Systems MP5032 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP5032
– QC 3.0 CONTROLLER WITH CURRENT-LIMIT SWITCH
MP5032 Rev r1.0
www.MonolithicPower.com
12
8/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP5032 integrates a USB current-limit
switch and charging port identification circuit.
The MP5032 achieves 3A of continuous output
current over a wide input supply range.
The output of the USB switch is current-limited
with an adjustable current-limit threshold. The
MP5032
supports
the
latest
quick-charge
specification
(QC
3.0)
and
is
backwards-
compatible with QC 2.0. The MP5032 also
supports DCP schemes for battery charging
specification
(BC1.2),
divider
mode,
and
1.2V/1.2V mode without the need for external
user interaction.
The MP5032 provides line drop compensation
for a 5V output. Fault condition protection
includes hiccup current limiting, input over-
voltage
protection
(OVP),
and
thermal
shutdown.
Operation Supply Voltage
The MP5032 has a two-stage input voltage
threshold. The first threshold is around 3V, and
the second threshold is the under-voltage
lockout (UVLO) of the power MOSFET. When
VIN is higher than the first threshold, the
MP5032's ADJ block starts working and sinks a
current to adjust the upstream regulator's output
to an accurate 5.1V. Afterward, the MP5032
can enable the power MOSFET to fully enter
the working state.
Under-Voltage Lockout (UVLO)
UVLO protects the chip from operating at an
insufficient
supply
voltage.
The
MP5032's
second UVLO comparator monitors the input
voltage. Once the input voltage is higher than
3.9V, the power MOSFET starts to turn on with
a controlled slew rate.
Internal Soft Start (SS)
An internal soft start prevents the output voltage
from inrush current and overshooting during
start-up.
QC Mode Voltage Transition - Class A
If the downstream device of the MP5032
supports the QC specification, the MP5032 can
require a output voltage higher than 5V by DM
and DP communication. If a higher USB bus
voltage is required, ADJ must be used. ADJ is
usually connected to the feedback pin of the
upstream
voltage
converter.
After
the
handshake, the MP5032 sinks a controlled
current by ADJ gradually to adjust the VOUT to
9V/12V or another voltage 200mV step-by-step.
Because of smart controller mode, only one
ADJ pin can be set to a different high voltage
that meets QC specification. The output voltage
transition is smooth and has no undershoot or
overshoot (see Figure 2 and Table 1).
Tglitch_V_Change
Tglitch_V_Change
TV_New_Request
5V
9V
12V
DP=0.6V
DM=GND
DP=0.6V
DM=0.6V
DP=3.3V
DM=0.6V
Figure 2: QC Mode Transition
Table 1: QC Mode Definition
Portable Device
USB Bus Voltage
DP
DM
0.6V
0.6V
12V
3.3V
0.6V
9V
0.6V
3.3V
3.6V - 12V/200mV step
according to QC 3.0
3.3V
3.3V
No action
0.6V
GND
5V
When the downstream device is removed, the
output
voltage
returns
to
the
default
5V
automatically. The input-to-ground discharge
resistor helps expedite this procedure.
Line Drop Compensation
The MP5032 is capable of compensating for an
output voltage drop, such as high impedance
caused by a long trace, to maintain a fairly
constant 5V load-side voltage. The line drop
compensation is only active at 5V VIN while it is
disabled under QC 3.0 mode. Line drop
compensation is achieved through ADJ. The
MP5032 increases the input voltage by 330mV
at a 2.4A output current. Refer to the Line Drop
Compensation
graph
in
the
Typical
Performance Characteristics section on page 6.
The ADJ voltage (VADJ) slowly sinks a controlled
current. The line drop compensation amplitude
increases linearly as the load current increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com