Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5403 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5403 Datasheet HTML 12Page - Monolithic Power Systems MP5403 Datasheet HTML 13Page - Monolithic Power Systems MP5403 Datasheet HTML 14Page - Monolithic Power Systems MP5403 Datasheet HTML 15Page - Monolithic Power Systems MP5403 Datasheet HTML 16Page - Monolithic Power Systems MP5403 Datasheet HTML 17Page - Monolithic Power Systems MP5403 Datasheet HTML 18Page - Monolithic Power Systems MP5403 Datasheet HTML 19Page - Monolithic Power Systems MP5403 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
16
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP5403 has two step-down regulators and
one load switch integrated into an ultra-small
UTQFN-20 package. The two buck regulators
are able to run up to 3.5A and 2.5A of load
current, respectively. With a peak current mode
control scheme and an interleaving PWM clock,
the MP5403 minimizes the input voltage ripple
and achieves a fast dynamic load response.
The load switch has 3A and only 20
mΩ of
RDS(ON), achieves extremely small conduction
loss, and provides tight regulation with a high
load current. The load switch can also clamp
VOUT to 5.5V. The MP5403 can be used in
compact solid-state drives (SSD), portable
instruments, and battery-powered devices.
Peak-Current Mode Control
The two buck regulators of the MP5403 operate
at an 180° phase shift to reduce the input
current ripple and the required input capacitor.
In continuous conduction mode (CCM), two
internal clocks control the switching behavior.
The high-side MOSFET (HS-FET) turns on at
the corresponding
clock’s rising edge. The two
clocks are at an 180o phase shift. When the
high-side switch current increases and reaches
the internal compensation voltage, the high-side
switch is turned off, and the low-side switch is
turned on to conduct current.
Figure 2: Phase Shift
The switching frequency is 1.5MHz, typically,
running in CCM. With a lower input voltage, the
switching frequency falls and works with a large
duty cycle and a fixed off-time mode.
Light-Load Operation
In light load mode, the MP5403 uses a
proprietary control scheme to save power and
improve efficiency. The MP5403 turns off the
low-side switch when the inductor current
begins reversing. The MP5403 then works in
discontinuous
conduction
mode
(DCM)
operation. With light-load mode control, the
switching loss can be greatly reduced due to
the lower switching frequency.
A zero-current cross detection (ZCD) circuit is
used to detect if the inductor current begins
reversing.
Considering
the
internal
circuit
propagation time, the typical delay is 50ns. This
means that the inductor current continues
falling after ZCD is triggered in this delay. If the
inductor current falling slew rate is fast (VOUT is
high or close to VIN), the low-side MOSFET
(LS-FET) is turned off, and the inductor current
may be negative. This prevents the MP5403
from entering DCM operation. If DCM operation
is required, the off time of the LS-FET in CCM
should be longer than 100ns. For example, if
VIN is 3.6V and VOUT is 3.4V, then the off time
in CCM is 37ns. It is difficult to enter DCM at
light load. Using a smaller inductor can improve
this and make it easier to enter DCM.
Enable (EN)
When VIN1 is greater than the under-voltage
lockout (UVLO) threshold (typically 2.5V), the
regulators or the load switch can be enabled by
pulling its EN pins above the EN UVLO
threshold. Leave the EN pins floating or pull the
EN pins down to ground to disable the
corresponding channel. There is an internal
2M
Ω resistor from the EN pins to ground. There
is a delay of about 100µs for the VIN1 and VIN2
enable start-up. The VIN3 enable start-up delay
is shorter (around 70µs).
Soft Start (SS) and Output Discharge
The MP5403 has a built-in soft start (SS) that
ramps up the output voltage at a controlled slew
rate to prevent overshooting at start-up for both
step-down regulators and the load switch. For
the step-down regulator, the soft-start time is
about 500µs, typically. For the load switch, the
soft-start time is set to around 350µs. When the
regulators are disabled, the internal discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com