Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5403 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP5403 Datasheet HTML 14Page - Monolithic Power Systems MP5403 Datasheet HTML 15Page - Monolithic Power Systems MP5403 Datasheet HTML 16Page - Monolithic Power Systems MP5403 Datasheet HTML 17Page - Monolithic Power Systems MP5403 Datasheet HTML 18Page - Monolithic Power Systems MP5403 Datasheet HTML 19Page - Monolithic Power Systems MP5403 Datasheet HTML 20Page - Monolithic Power Systems MP5403 Datasheet HTML 21Page - Monolithic Power Systems MP5403 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
20
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Capacitor Selection
The output capacitor limits the output voltage
ripple and ensures a stable regulation loop.
Select an output capacitor with low impedance
at
the
switching
frequency.
Use
ceramic
capacitors with X5R or X7R dielectrics. Using
an electrolytic capacitor may result in additional
output voltage ripple, thermal issues, and
require additional care in selecting the feedback
resistor (R1) due to the large ESR. For most
applications, a 22µF capacitor is sufficient.
PCB Layout Guidelines
Efficient PCB layout of the switching power
supplies is critical for stable operation. If the
layout is not done carefully, regarding the high
switching frequency converter especially, the
regulator
could
show
poor
line
or
load
regulation and stability issues. For best results,
refer to Figure 6 and follow the guideline below.
1. Place the input capacitor as close to the IC
pins as possible for the high-speed step-
down regulator to provide clean control
voltage.
1
1
1
2
VIN1
VIN2
GND
VOUT1
VOUT2
GND
VIN3
VOUT3
GND
GND
C1A
C1B
C2
C3
C4
C5
C6
L1
L2
C7
R1
R2
R3
R4
EN1
EN2
EN3
PG3
PG2
PG1
Top Layer
GND
VIN3
Vout1 Sense
Vout2 Sense
Bottom Layer
Figure 6: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com