Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8758H Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8758H
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758H Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8758H Datasheet HTML 8Page - Monolithic Power Systems MP8758H Datasheet HTML 9Page - Monolithic Power Systems MP8758H Datasheet HTML 10Page - Monolithic Power Systems MP8758H Datasheet HTML 11Page - Monolithic Power Systems MP8758H Datasheet HTML 12Page - Monolithic Power Systems MP8758H Datasheet HTML 13Page - Monolithic Power Systems MP8758H Datasheet HTML 14Page - Monolithic Power Systems MP8758H Datasheet HTML 15Page - Monolithic Power Systems MP8758H Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
12
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8758H is a fully integrated, synchronous,
rectified, step-down, switch-mode converter that
employs a
constant-on-time (COT) control
scheme to provide fast transient response and
ease loop stabilization. At the beginning of each
cycle, the high-side MOSFET (HS-FET) is turned
on when the feedback voltage (VFB) falls below
the reference voltage (VREF), which indicates
insufficient output voltage. The on period is
determined by both the output and input voltages
to make the switching frequency constant over
the input voltage range.
After the on period elapses, the HS-FET turns off
off or enters an off state. It is turned on again
when VFB drops below VREF. By repeating this
operation, the converter regulates the output
voltage. The integrated low-side MOSFET (LS-
FET) is turned on when the HS-FET is in its off
state to minimize the conduction loss. There will
be a dead short between the input and GND if
both the HS-FET and the LS-FET are turned on
at the same time. This is called a shoot-through.
In order to avoid a shoot-through, a dead time
(DT) is generated internally between the HS-FET
off and the LS-FET on time period or the LS-FET
off and the HS-FET on time period.
Internal compensation is applied for COT control
to ensure more stable operation, even when
ceramic capacitors are used as output capacitors.
This internal compensation improves the jitter
performance without affecting the line or load
regulation.
MODE Selection
The MP8758H has MODE selection. When
MODE is pulled high, the part works in PFM
mode. When MODE is pulled low, the part works
in forced PWM mode. MODE is pulled up
internally. Floating MODE sets PFM mode.
Heavy-Load Operation
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above zero amps. CCM (see
Figure 2). When VFB is below VREF, the HS-FET is
turned on for a fixed interval, which is determined
by a one-shot on-timer. The one-shot timer is
controlled by the input and output voltages, so
that the switching frequency can be fairly fixed at
500kHz for different input and output conditions.
When the HS-FET is turned off, the LS-FET turns
on until the next period.
Figure 2: Heavy-Load Operation
PWM mode occurs in CCM operation, where the
switching frequency is fairly constant.
Light-Load Operation
Forced PWM Mode Operation
The MP8758H enters continuous conduction
mode (CCM) when working in forced PWM mode.
In this mode, the HS-FET and the LS-FET repeat
the on/off operation, even if the inductor current
drops to zero or a negative value. The switching
frequency (FSW) is fairly constant.
PFM Mode Operation
The inductor current decreases as the load
decreases. Once the inductor current reaches
zero, the operation transitions from continuous
conduction
mode
(CCM)
to
discontinuous
conduction mode (DCM).
When the MP8758H works in PFM mode during
light-load operation, the switching frequency is
reduced automatically to maintain high efficiency
(see Figure 3). When VFB is below VREF, the HS-
FET is turned on for a fixed interval. When the
HS-FET is turned off, the LS-FET is turned on
until the inductor current reaches zero.
In PFM operation, VFB does not reach VREF when
the inductor current approaches zero. The LS-
FET driver turns into tri-state (high Z) whenever
the inductor current reaches zero. As a result, the
efficiency at a light-load condition is improved
greatly. At a light-load condition, the HS-FET is
not turned on as often as it is at a heavy load
condition. This is called skip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com