Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8758H Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8758H
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758H Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8758H Datasheet HTML 9Page - Monolithic Power Systems MP8758H Datasheet HTML 10Page - Monolithic Power Systems MP8758H Datasheet HTML 11Page - Monolithic Power Systems MP8758H Datasheet HTML 12Page - Monolithic Power Systems MP8758H Datasheet HTML 13Page - Monolithic Power Systems MP8758H Datasheet HTML 14Page - Monolithic Power Systems MP8758H Datasheet HTML 15Page - Monolithic Power Systems MP8758H Datasheet HTML 16Page - Monolithic Power Systems MP8758H Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
13
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
At a light-load or no-load condition, the output
drops very slowly until the MP8758H reduces the
switching frequency, achieving high efficiency at
light load.
Figure 3: Light-Load Operation
As the output current increases from the light-
load condition, the time period within the current
modulator becomes shorter. The HS-FET turns
on more frequently and the switching frequency
increases. The output current reaches critical
levels when the current modulator time is zero.
The critical level of the output current is
determined by Equation (1):
IN
OUT
OUT
OUT
SIN
(V
V
) V
I
2L F
V
−×
=
××
×
(1)
PWM mode begins once the output current
exceeds
the
critical
level.
The
switching
frequency then stays fairly constant over the
output current range.
Jitter and FB Ramp Slope
Jitter occurs in both PWM and skip mode when
noise on the VFB ripple propagates a delay to the
HS-FET driver (see Figure 4 and Figure 5). Jitter
can affect system stability, with noise immunity
proportional to the steepness of VFB’s downward
slope. However, the VFB ripple does not directly
affect noise immunity.
V
RE F
V
FB
HS D river
VNOISE
J itter
V
S L O PE1
Figure 4: Jitter in PWM Mode
V
FB
HS D river
Jitter
V
REF
V
SL O P E 2
VNOISE
Figure 5: Jitter in Skip Mode
Operating
without
External
Ramp
Compensation
The traditional constant-on-time control scheme
is intrinsically unstable if the output capacitor’s
ESR is not large enough to act as an effective
current
sense
resistor.
Usually,
ceramic
capacitors cannot be used as output capacitors.
To determine the stability, calculate the ESR
value with Equation (2):
SW
ON
ESR
OUT
TT
0.7
2
R
C
+
×π
≥
(2)
Where TSW is the switching period.
The MP8758H has a built-in internal ramp
compensator to ensure that the system is stable,
even without the help of the output capacitor’s
ESR. Use a ceramic capacitor to significantly
reduce the output ripple, total BOM cost, and
board area.
Figure 6 shows a typical output circuit in PWM
mode without an external ramp circuit. Please
refer to the Application Information section on
page 17 for design steps without external
compensation.
R1
R2
CAP
SW
FB
Vo
L
C4
Figure 6: Simplified Circuit in PWM Mode without
External Ramp Compensation
When using a large ESR capacitor on the output,
add a ceramic capacitor with a value of 10µF or
less in parallel to minimize the effect of the ESL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com