Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8765 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8765 Datasheet HTML 13Page - Monolithic Power Systems MP8765 Datasheet HTML 14Page - Monolithic Power Systems MP8765 Datasheet HTML 15Page - Monolithic Power Systems MP8765 Datasheet HTML 16Page - Monolithic Power Systems MP8765 Datasheet HTML 17Page - Monolithic Power Systems MP8765 Datasheet HTML 18Page - Monolithic Power Systems MP8765 Datasheet HTML 19Page - Monolithic Power Systems MP8765 Datasheet HTML 20Page - Monolithic Power Systems MP8765 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
19
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Figure 13—Recommend Layout
Recommend Design Example
A design example is provided below when the
ceramic capacitors are applied:
Table 1—Design Example
VOUT
(V)
Cout
(F)
L
(μH)
R4
(Ω)
C4
(F)
R9
(Ω)
R1
(kΩ)
R2
(kΩ)
1.05 22μx2+47μ
1.2
1M
220p
499
63.4
82
5.0
22μx3
2
1M
220p
499
150
18
The detailed application schematic is shown in
Figure 14 when low ESR caps are used. The
typical performance and circuit waveforms have
been
shown
in
the
Typical
Performance
Characteristics section. For more possible
applications of this device, please refer to related
Evaluation Board Data Sheets.
5
4
6
7
8
SW
1
2
VIN
13
14
12
11
EN
9
SW
SW
PG
VO U T
10
3
15
16
GN D
AG N D
VO U T
AG ND
KL E V IN
CO NNE CT T O P G ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com