Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP110 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP110 Datasheet HTML 1Page - Monolithic Power Systems MP110 Datasheet HTML 2Page - Monolithic Power Systems MP110 Datasheet HTML 3Page - Monolithic Power Systems MP110 Datasheet HTML 4Page - Monolithic Power Systems MP110 Datasheet HTML 5Page - Monolithic Power Systems MP110 Datasheet HTML 6Page - Monolithic Power Systems MP110 Datasheet HTML 7Page - Monolithic Power Systems MP110 Datasheet HTML 8Page - Monolithic Power Systems MP110 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP110GPR
PDIP8-7EP
MP110
* For Tape & Reel, add suffix –Z (e.g. MP110GPR–Z);
PACKAGE REFERENCE
TOP VIEW
1
8
7
5
4
3
2
VCC
FSET
PRO
FB
DRAIN
SOURCE
GND
PDIP8-7EP
ABSOLUTE MAXIMUM RATINGS
(1)
Drain........................................... –0.3V to 900V
Vcc .............................................. –0.3V to 30 V
All Other Pins................................. –0.3V to 7 V
Continuous Power Dissipation (TA=+25°C)
(2)
PDIP8-7EP ..............................................1.47W
Junction Temperature .............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature............... -60°C to +150
°C
Thermal Shut Down ................................. 150
°C
Thermal Shut Down Hysteresis.................. 30
°C
ESD Capability Human Body Model .........2.0kV
ESD Capability Machine Model..................200V
Operating Temperature............. –40
°C to +85°C
Recommended Operation Conditions
(3)
VCC to GND........................................ 9V to 20V
Operating Junction Temp (TJ) .. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
PDIP8-7EP............................. 68 ....... 7....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA
)/θ
JA.
Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
MP110 Rev. 1.01
www.MonolithicPower.com
3
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com