Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP110 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP110 Datasheet HTML 8Page - Monolithic Power Systems MP110 Datasheet HTML 9Page - Monolithic Power Systems MP110 Datasheet HTML 10Page - Monolithic Power Systems MP110 Datasheet HTML 11Page - Monolithic Power Systems MP110 Datasheet HTML 12Page - Monolithic Power Systems MP110 Datasheet HTML 13Page - Monolithic Power Systems MP110 Datasheet HTML 14Page - Monolithic Power Systems MP110 Datasheet HTML 15Page - Monolithic Power Systems MP110 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
OPERATION
The MP110 incorporates all the necessary
features required by a reliable switch mode
power supply. The proprietary 900V monolithic
integration enables a highly integrated power
supply solution. It has burst mode operation to
minimize the stand-by power consumption at light
load. Protection features such as auto-recovery for
over-load protection (OLP), short-circuit protection
(SCP), over-voltage protection (OVP), and thermal
shutdown for over-temperature protection (OTP) -
contribute to a safer converter design with minimal
external components. .
PWM Operation
The MP110 employs peak current mode control.
On the secondary side, the output voltage is
divided down by a voltage divider network. This
voltage is fed back to the primary side as voltage
on the FB pin using an opto-coupler and a shunt
regulator. The voltage at the FB pin is compared to
the VSense voltage which measures MOSFET
switching current. The integrated MOSFET turns
on at the beginning of each clock cycle. The current
in
the
transformer
magnetizing
inductance
increases until it reaches the value set by the FB
voltage, and then the integrated MOSFET turns off.
Start-up and VCC UVLO
Initially, the IC is driven by the internal current
source which is drawn from the high-voltage
Drain pin. The IC starts switching and the internal
high-voltage current source turns off as soon as
the voltage on pin VCC reaches 11.7V (VCCH,
typical value). At this point, the supply of the IC is
taken over by the auxiliary winding of the
transformer. When VCC falls below 8V (VCCL,
typical value), the regulator stops switching and
the internal high-voltage current source turns on
again.
Figure 2: VCC UVLO
The lower threshold of VCC UVLO decreases from
8V (VCCL, typical value) to 5.3V (VCCR, typical
value) when fault conditions happen, such as SCP,
OLP, OVP, and OTP.
Soft-Start
The MP110 implements an internal soft-start
circuit in order to reduce stress on the primary
side MOSFET, secondary diode and smoothly
establish the output voltage during start-up. The
internal soft-start circuit gradually increases the
primary
current
sense
threshold
which
determines the MOSFET peak current during
start-up. The pulse width of the power switching
device is progressively increased to establish
correct operating conditions until the feedback
control loop takes charge.
Figure 3: Soft Start
Switching Frequency
The switching frequency of MP110 can be set by
FSET pin. The frequency can be set by a resistor
between FSET pin and GND pin. The oscillator
frequency can be attained below:
S
9
12
FSET
FST
1
f
R
200 10
112.5 10
V
−−
=
×
+
×
×
Hz
VFST (1.23V) is the FSET pin reference voltage.
Over Voltage Protection (OVP)
Monitoring the VCC pin voltage via a 20us time
constant filter allows the MP110 to enter OVP
during an over-voltage condition, typically when
VCC goes above 24V. The regulator will resume
operation after the fault disappears.
MP110 Rev. 1.01
www.MonolithicPower.com
12
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com