Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-G6SP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LA-G6SP
Description  white SMT package, colorless clear silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-G6SP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LA-G6SP Datasheet HTML 4Page - OSRAM GmbH LA-G6SP Datasheet HTML 5Page - OSRAM GmbH LA-G6SP Datasheet HTML 6Page - OSRAM GmbH LA-G6SP Datasheet HTML 7Page - OSRAM GmbH LA-G6SP Datasheet HTML 8Page - OSRAM GmbH LA-G6SP Datasheet HTML 9Page - OSRAM GmbH LA-G6SP Datasheet HTML 10Page - OSRAM GmbH LA-G6SP Datasheet HTML 11Page - OSRAM GmbH LA-G6SP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LA G6SP
8 Version 1.3 | 2018-02-01
LA G6SP
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
IV
IV(140mA)
Relative Luminous Intensity 6), 7)
I
v/Iv(140 mA) = f(IF); TS = 25 °C
LA G6SP
1,71,8
2,02,2
2,4
VF [V]
5
20
40
60
80
100
120
140
160
180
200
IF [mA]
Forward current 6), 7)
I
F = f(VF); TS = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com