Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-G6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LA-G6SP
Description  white SMT package, colorless clear silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-G6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LA-G6SP Datasheet HTML 1Page - OSRAM GmbH LA-G6SP Datasheet HTML 2Page - OSRAM GmbH LA-G6SP Datasheet HTML 3Page - OSRAM GmbH LA-G6SP Datasheet HTML 4Page - OSRAM GmbH LA-G6SP Datasheet HTML 5Page - OSRAM GmbH LA-G6SP Datasheet HTML 6Page - OSRAM GmbH LA-G6SP Datasheet HTML 7Page - OSRAM GmbH LA-G6SP Datasheet HTML 8Page - OSRAM GmbH LA-G6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LA G6SP
1 Version 1.3 | 2018-02-01
Produktdatenblatt | Version 1.1
www.osram-os.com
LA G6SP
Advanced Power TOPLED®
Advanced Power TOPLED features a compact pack-
age with a wide brightness range and high luminous
efficiency.
Applications
—
Custom Tuning
—
Displays (Backlighting)
—
Interior Illumination e.g. Ambient Map
—
Signalling
Features:
—
Package: white SMT package, colorless clear silicone resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 617 nm (● amber)
—
Optical efficacy: 84 lm/W
—
Corrosion Robustness Class: 3B
—
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.


Similar Part No. - LA-G6SP

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LA-G6SP AMSOSRAM-LA-G6SP Datasheet
1Mb / 21P
Advanced Power TOPLED®
Version 1.6 2021-03-15
LA-G6SP-01 AMSOSRAM-LA-G6SP-01 Datasheet
1Mb / 21P
Advanced Power TOPLED®
Version 1.2 2020-06-15
LA-G6SP-01-DUAL-BINNING AMSOSRAM-LA-G6SP-01-DUAL-BINNING Datasheet
1Mb / 23P
Advanced Power TOPLED®
Version 1.2 2020-06-15
LA-G6SP-02 AMSOSRAM-LA-G6SP-02 Datasheet
1Mb / 22P
Advanced Power TOPLED®
Version 1.1 2024-03-19
LA-G6SP-02-DUAL-BINNING AMSOSRAM-LA-G6SP-02-DUAL-BINNING Datasheet
1Mb / 23P
Advanced Power TOPLED®
Version 1.0 2022-04-26
More results

Similar Description - LA-G6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
white SMT package, colorless clear silicone resin
LR-G6SP OSRAM-LR-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-G6SP OSRAM-LT-G6SP Datasheet
663Kb / 22P
white SMT package, colorless clear silicone resin
LB-A6SG OSRAM-LB-A6SG Datasheet
269Kb / 16P
white SMT package, colorless clear silicone resin
LB-P4SG OSRAM-LB-P4SG Datasheet
639Kb / 22P
white SMT package, colorless clear silicone resin
LS-G6SP OSRAM-LS-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-P4SG OSRAM-LT-P4SG Datasheet
597Kb / 22P
white SMT package, colorless clear silicone resin
LW-G6CP OSRAM-LW-G6CP Datasheet
674Kb / 23P
white SMT package, colorless clear silicone resin
LCW-G6CP OSRAM-LCW-G6CP Datasheet
805Kb / 28P
white SMT package, colorless clear silicone resin
LUW-GVCP OSRAM-LUW-GVCP Datasheet
670Kb / 22P
white SMT package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com