Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3752 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3752
Description  Active Clamp Forward Converter with Synchronous Rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3752 Datasheet HTML 2Page - Linear Technology LT3752 Datasheet HTML 3Page - Linear Technology LT3752 Datasheet HTML 4Page - Linear Technology LT3752 Datasheet HTML 5Page - Linear Technology LT3752 Datasheet HTML 6Page - Linear Technology LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology LT3752 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc1994afa
DEMO MANUAL DC1994A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
3
CIN1, CIN2, CIN3
CAP., X7S, 4.7µF, 100V, 10%, 1210
TDK, CGA6M3X7S2A475K
2
2
CO1, CO2
CAP., X7R, 33µF, 16V, 20%, 1812
TDK, C4532X7R1C336M
3
1
CSYS
CAP., ALUM., 470µF, 16V, SVPE Series
PANASONIC, 16SVPE470M
4
1
CY1
CAP., X7R, 2200pF, 250V, 10%, 1812
MURATA, GA343QR7GD222KW01L
5
1
C1
CAP., X7R, 0.33µF, 10V, 5%, 0603
KEMET C0603C334J4RACTU
6
2
C2, C25
CAP., X5R, 4.7µF, 25V, 10%, 0805
MURATA, GRM21BR61E475KA12L
7
2
C3, C5
CAP., X7R, 22nF, 25V, 10%, 0603
AVX, 06033C223KAT2A
8
2
C4, C19
CAP., X7S, 1µF, 100V, 10%, 0805
TDK, C2012X7S2A105K
9
1
C10
CAP., NP0, 10pF, 25V, 5%, 0603
AVX, 06033A100JAT2A
10
1
C12
CAP., X7R, 0.1µF, 25V, 10% 0603
AVX, 06033C104KAT2A
11
1
C13
CAP., X7R, 1µF, 16V, 10%, 0603
AVX, 0603YC105KAT2A
12
1
C14
CAP., X7R, 15nF, 250V, 10%, 1206
MURATA, GRM31BR72E153KW01L
13
2
C17, C18
CAP., X7R, 2.2µF, 25V, 20%, 0805
AVX, 08053C225MAT2A
14
1
C21
CAP., NPO, 220pF, 25V, 10%, 0603
AVX, 06033A221KAT2A
15
1
C22
CAP., NP0, 68pF, 25V, 10%, 0603
AVX, 06033A680KAT2A
16
1
C23
CAP., X7R, 4.7nF, 25V, 10%, 0603
AVX, 06033C472KAT2A
17
1
C26
CAP., X7R, 220nF, 16V, 5%, 0603
SAMSUNG, CL10B224JO8NNNC
18
1
C30
CAP., X7R, 2.2nF, 250V, 10%, 0805
MURATA, GRM21AR72E222KW01D
19
3
D1, D2, D5
DIODE, High-Speed Diode, SOD-523
NXP/PHILLIPS SEMI., BAS516
20
1
D8
DIODE, CMMR1U-02 SOD-123
CENTRAL SEMI., CMMR1U-02 TR
21
1
L1
INDUCTOR, 6.8µH
CHAMPS TECH., PQI2050-06R8
22
2
Q1, Q4
MOSFET, N-CH, 120V, PG-TDSON-8
INFINEON, BSC077N12NS3 G
23
1
Q2
MOSFET, N-CH, 100V, 60A, POWER 56
FAIRCHILD, FDMS86101DC
24
1
Q3
MOSFET, Si2325DS, SOT-23
VISHAY, Si2325DS-T1-E3
25
1
Q5
MOSFET, N-CH, 250V, SOT23-6
DIODES/ZETEX, ZVN4525E6TA
26
1
RCS1
RES., CHIP, 0.008Ω, 1W, 1%, RL3720W
SUSUMU, RL3720WT-R008-F
27
1
RCS2
RES., CHIP, 0.15Ω, 0.125W, 1%, 0805
VISHAY, WSL0805R1500FEA
28
1
R1
RES., Chip, 31.6k, 0.1W, 1%, 0603
VISHAY, CRCW060331K6FKEA
29
1
R2
RES., Chip, 34k, 0.1W, 1%, 0603
VISHAY, CRCW060334K0FKEA
30
1
R3
RES., Chip, 7.32k, 0.1W, 1%, 0603
VISHAY, CRCW06037K32FKEA
31
1
R4
RES., Chip, 22.6k, 0.1W, 1%, 0603
VISHAY, CRCW060322K6FKEA
32
1
R5
RES., Chip, 49.9k, 0.1W, 1%, 0603
VISHAY, CRCW060349K9FKEA
33
1
R6
RES., Chip, 71.5k, 0.1W, 1%, 0603
VISHAY, CRCW060371K5FKEA
34
1
R7
RES., Chip, 1.82k, 0.1W, 1%, 0603
VISHAY, CRCW06031K82FKEA
35
1
R8
RES., Chip, 5.9k, 0.1W, 1%, 0603
VISHAY, CRCW06035K90FKEA
36
1
R9
RES., Chip, 100k, 0.125W, 1%, 0805
VISHAY, CRCW0805100KFKEA
37
1
R13
RES., Chip, 499Ω, 0.1W, 1%, 0603
VISHAY, CRCW0603499RFKEA
38
1
R14
RES., Chip, 2.8k, 0.1W, 1%, 0603
VISHAY, CRCW06032K80FKEA
39
1
R15
RES., Chip, 1.10k, 0.1W, 1%, 0603
VISHAY, CRCW06031K10FKEA
40
2
R16, R25
RES., Chip, 10k, 0.1W, 5%, 0603
VISHAY, CRCW060310K0JNEA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com