Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3752 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3752
Description  Active Clamp Forward Converter with Synchronous Rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3752 Datasheet HTML 2Page - Linear Technology LT3752 Datasheet HTML 3Page - Linear Technology LT3752 Datasheet HTML 4Page - Linear Technology LT3752 Datasheet HTML 5Page - Linear Technology LT3752 Datasheet HTML 6Page - Linear Technology LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology LT3752 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc1994afa
DEMO MANUAL DC1994A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
41
7
R17, R39, R49, R50-R53 RES., Chip, 0Ω, 0.1W, 0603
VISHAY, CRCW06030000Z0EA
42
3
R18, R19, R46
RES., Chip, 100k, 0.1W, 1%, 0603
VISHAY, CRCW0603100KFKEA
43
1
R20
RES., Chip, 15Ω, 0.1W, 1%, 0603
VISHAY, CRCW060315R0FKEA
44
2
R21, R22
RES., Chip, 2k, 0.1W, 1%, 0603
VISHAY, CRCW06032K00FKEA
45
1
R23
RES., Chip, 100Ω, 0.1W, 5%, 0603
VISHAY, CRCW0603100RJNEA
46
1
R24
RES., Chip, 1k, 0.1W, 1%, 0603
VISHAY, CRCW06031K00FKEA
47
1
R28
RES., Chip, 12.4k, 0.1W, 1%, 0603
VISHAY, CRCW060312K4FKEA
48
1
R29
RES., Chip, 20k, 0.1W, 1%, 0603
VISHAY, CRCW060320K0FKEA
49
1
R30
RES., Chip, 3.4k, 0.1W, 1%, 0603
VISHAY, CRCW06033K40FKEA
50
1
R31
RES., Chip, 499k, 0.1W, 1%, 0603
VISHAY, CRCW0603499KFKEA
51
1
R33
RES., Chip, 11.3k, 0.1W, 1%, 0603
VISHAY, CRCW060311K3FKEA
52
1
R37
RES., Chip, 13.7k, 0.1W, 1%, 0603
VISHAY, CRCW060313K7FKEA
53
1
R38
RES., Chip, 560Ω, 0.1W, 5%, 0603
VISHAY, CRCW0603560RJNEA
54
1
R41
RES., Chip, 0Ω, 0.125W, 1%, 0805
VISHAY, CRCW08050000Z0EA
55
1
R45
RES., Chip, 200Ω, 0.1W, 1%, 0603
VISHAY, CRCW0603200RFKEA
56
1
R47
RES., Chip, 200Ω, 0.125W, 1%, 0805
VISHAY, CRCW0805200RFKEA
57
1
R48
RES., Chip, 20k, 0.25W, 1%, 1206
VISHAY, CRCW120620K0FKEA
58
1
T1
TRANSFORMER, SMT
CHAMPS TECH., G45AH2-0404-04
59
1
T2
TRANSFORMER, SMT Gate Drive XFMR
PULSE, PE-68386NL
60
1
T3
TRANSFORMER, Flyback Converter XFMR
BH ELECT., L00-3250
61
1
U1
I.C., LT8311EFE#PBF TSSOP-20
LINEAR TECH., LT8311EFE#PBF
62
1
U2
I.C., LT3752EFE#PBF TSSOP-38
LINEAR TECH,. LT3752EFE#PBF
63
1
U3
I.C., PS2801C-1-P-A
NEC, PS2801C-1-P-A
Additional Demo Board Circuit Components
1
0
C6, C32 (OPT)
CAP., 0603
2
0
C15 (TBD)
CAP., 1210
3
0
C20 (OPT)
CAP., 0805
4
0
R12, R26 (OPT)
RES., 0805
5
0
R32, R40, R44 (OPT)
RES., Chip, 0603
6
0
R42, R43 (OPT)
RES., Chip, 0805
Hardware: For Demo Board Only
1
4
E1 to E4
TESTPOINT, TURRET, .061"
MILL-MAX, 2308-2-00-80-00-00-07-0
2
4
E5 to E8
TESTPOINT, TURRET, .094"
MILL-MAX, 2501-2-00-80-00-00-07-0
3
4
J1 to J4
BANANA JACK
KEYSTONE, 575-4
4
4
MH1 to MH4
STAND-OFF, NYLON 0.25"
KEYSTONE, 8831(SNAP ON)
5
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1994A
6
2
STENCIL (TOP & BOTTOM)
STENCIL DC1994A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com