Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP157 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP157
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP157 Datasheet HTML 12Page - Monolithic Power Systems MP157 Datasheet HTML 13Page - Monolithic Power Systems MP157 Datasheet HTML 14Page - Monolithic Power Systems MP157 Datasheet HTML 15Page - Monolithic Power Systems MP157 Datasheet HTML 16Page - Monolithic Power Systems MP157 Datasheet HTML 17Page - Monolithic Power Systems MP157 Datasheet HTML 18Page - Monolithic Power Systems MP157 Datasheet HTML 19Page - Monolithic Power Systems MP157 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
16
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. The output voltage ripple
can be estimated by:
CCM _ ripple
ESR
so
i
Vi R
8f C
  
, for CCM
2
pk
o
o
DCM _ ripple
pk
ESR
so
pk
II
I
VI
R
fC
I





, for
DCM
Ceramic, tantalum or low ESR electrolytic
capacitors are used to reduce the output
voltage ripple.
Feedback Resistors
The resistor divider determines the output
voltage. Choose appropriate values for R1 and
R2 to maintain VFB at 2.5V. Avoid large R2
value (typically 4kΩ to 10kΩ).
Feedback Capacitor
The feedback capacitor provides a sample and
hold function. Small capacitors result in poor
regulation at light loads, and large capacitors
affect the circuit operation. Roughly estimate an
optimal capacitor value using the following
equation:
oo
oo
FB
12
o
1
2
o
VC
VC
1
C
2R
R
I
R
R
I


Choose the nearest appropriate value.
Dummy Load
A dummy load is required to maintain the load
regulation. This ensures sufficient inductor
energy to charge the sample and hold capacitor
to detect the output voltage. Normally a 3mA
dummy load is needed and can be adjusted to
the regulated voltage. Increasing the dummy
load reduces the efficiency and no-load
consumption. Use a zener diode if no-load
regulation is not a concern.
Auxiliary VCC Supply
MP157
VCC
FB
SOURCE
SOURCE
C3
R1
R2
D2
C4
L1
VOUT
R3 D3
Figure 9: Auxiliary VCC Supply Circuit
If output voltage is higher than the voltage of
Vcc, an auxiliary Vcc supply by connecting a
diode (D3) and a resistor (R3) between C3 and
C4 can be implemented to reduce overall power
consumption. Then the voltage of Vcc can be
clamped to 5V, and the internal regulator will be
turned off all the times. For values above
VO=7V, determine R3 as per the formula below.
o
V5V
R
165 A
Surge Performance
Select an appropriate input capacitor value to
obtain a good surge performance. With the
input capacitors C4 (10μF) and C5 (10μF), the
board can pass 1000V surge test. Table 2
shows the capacitance required under normal
condition for different surge voltage.
Table 2: Recommended Capacitance
Surge
voltage
500V
1000V
2000V
C4
3.3μF
10μF
C5
3.3μF
10μF
Shown in
Figure 9
The board can pass 2kV surge test by using the
circuit below.
1) Change the fuse resistor F1 (10ohm/1W) to
SS-5-2A
2) Add a MOV RV1 (TVR14431)
3) Add a resistor R8 (39Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com