Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP157 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP157
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP157 Datasheet HTML 8Page - Monolithic Power Systems MP157 Datasheet HTML 9Page - Monolithic Power Systems MP157 Datasheet HTML 10Page - Monolithic Power Systems MP157 Datasheet HTML 11Page - Monolithic Power Systems MP157 Datasheet HTML 12Page - Monolithic Power Systems MP157 Datasheet HTML 13Page - Monolithic Power Systems MP157 Datasheet HTML 14Page - Monolithic Power Systems MP157 Datasheet HTML 15Page - Monolithic Power Systems MP157 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
12
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
MOS
Diode
IL
Ipeak
Io
Vo
VFB
2.5V
Figure 3: VFB Vs Vout
Thus by monitoring the sampling capacitor, the
output voltage can be regulated, and the output
voltage is determined by the following equation:
R1 R2
Vout
2.5V
R2

Frequency Foldback
At the light load or no load conditions, the
output drops very slowly. This makes the
MOSFET OFF time increase. The frequency
decreases as the load decreases. So MP157
can maintain a high efficiency under light load
condition by reducing the switching frequency
automatically.
The switching frequency can be obtained as:
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V

, For CCM

in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
, for DCM
At the same time, the peak current limit starts to
decrease from 640mA as the off-time increases.
At standby mode, the frequency and the peak
current are both minimum, so smaller dummy
load could be added. As a result, peak current
compression function helps to save no load
consumption. The peak current limit can be
calculated by the following equation (Toff is the
off time of the power module):

 
peak
off
I
640mA (3mA / s) (T
13.1 s)
Minimum off time limitation
A minimum off time limitation is implemented.
During the normal operation, the minimum off
time limit is 13.1
s, and during the start up
period, the minimum off time limit is shorten
gradually from 52.4
s, 26.2s to 13.1s
(Shown as Figure 4). Each minimum off time
retains 128 switching cycle. This soft start
function provides safe start-up.
128 Switching cycle
52.4us
128 Switching cycle
26.2us
13.1us
Driver
Figure 4: tminoff at start-up
EA Compensation
-
+
VFB
-
+
Vref
2.5V
EA
+
+
-
+
FB
Comparator
Vramp
Vramp
Ipeak
Figure 5: EA and Ramp Compensation
To obtain a better load regulation, MP157
features EA (Error Amplifier) Compensation
function (Shown as Figure 5). After 6
s delay of
MOSFET turning off, MP157 samples the
feedback
voltage.
So
with
the
EA
Compensation, the reference voltage— 2.5V
can be regulated with the load. This can make
better regulation of power module.
Ramp Compensation
To maintain the precise output voltage, an
internal ramp compensation circuit is added ---
an exponential voltage sinking source will be
added to pull down the reference voltage of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com