Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-325 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-325
Description  SIDELED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-325 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-325 Datasheet HTML 1Page - OSRAM GmbH SFH-325 Datasheet HTML 2Page - OSRAM GmbH SFH-325 Datasheet HTML 3Page - OSRAM GmbH SFH-325 Datasheet HTML 4Page - OSRAM GmbH SFH-325 Datasheet HTML 5Page - OSRAM GmbH SFH-325 Datasheet HTML 6Page - OSRAM GmbH SFH-325 Datasheet HTML 7Page - OSRAM GmbH SFH-325 Datasheet HTML 8Page - OSRAM GmbH SFH-325 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2015-12-14
1
2015-12-14
Silicon NPN Phototransistor in SMT SIDELED
®-Package
Version 1.3
SFH 325
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 450 ... 1120 nm
•
Package: SIDELED
•
Special: High linearity
•
P-LCC-2 package
•
Available in groups
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Miniature photointerrupters
•
Industrial electronics
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
I
PCE [µA]
λ = 950 nm, Ee = 0.1 mW/cm
2,
VCE = 5 V
SFH 325
16 ... 80
Q65110A2486
SFH 325-3
25 ... 50
Q65110A2488
SFH 325-3/4
25 ... 80
Q65110A2491
SFH 325-4
40 ... 80
Q65110A2484
Note:
Binning in half groups (see page 3), packing unit = only one half group


Similar Part No. - SFH-325

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
SIDELED
More results

Similar Description - SFH-325

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
SIDELED
logo
OSRAM GmbH
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
SIDELED
LR-A67F-U2AB-1-Z OSRAM-LR-A67F-U2AB-1-Z Datasheet
482Kb / 20P
SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com