Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-325 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-325
Description  SIDELED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-325 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-325 Datasheet HTML 1Page - OSRAM GmbH SFH-325 Datasheet HTML 2Page - OSRAM GmbH SFH-325 Datasheet HTML 3Page - OSRAM GmbH SFH-325 Datasheet HTML 4Page - OSRAM GmbH SFH-325 Datasheet HTML 5Page - OSRAM GmbH SFH-325 Datasheet HTML 6Page - OSRAM GmbH SFH-325 Datasheet HTML 7Page - OSRAM GmbH SFH-325 Datasheet HTML 8Page - OSRAM GmbH SFH-325 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Version 1.3
SFH 325
2015-12-14
3
Grouping
Group
Min Photocurrent
Max Photocurrent Typ Photocurrent
Rise and fall time
E
e = 0.1 mW/cm
2,
V
CE = 5 V
E
e = 0.1 mW/cm
2,
V
CE = 5 V
E
V = 1000 lx, Std.
Light A, V
CE = 5 V
I
C = 1 mA, VCC = 5
V, R
L = 1 kΩ
I
PCE, min [µA]
I
PCE, max [µA]
I
PCE [µA]
t
r, tf [µs]
-2A
16
25
360
6
-2B
20
32
450
6
-3A
25
40
570
7
-3B
32
50
720
7
-4A
40
63
900
8
-4B
50
80
1140
8
Group
Collector-emitter saturation voltage
IC = IPCEmin x 0.3, Ee = 0.1 mW/cm
2
VCEsat [mV]
-2A
150
-2B
150
-3A
150
-3B
150
-4A
150
-4B
150
Note.:
IPCEmin is the min. photocurrent of the specified group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com