Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4141 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4141
Description  Infrared Emitter (940 nm) in Mini Sidelooker Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4141 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4141 Datasheet HTML 1Page - OSRAM GmbH SFH-4141 Datasheet HTML 2Page - OSRAM GmbH SFH-4141 Datasheet HTML 3Page - OSRAM GmbH SFH-4141 Datasheet HTML 4Page - OSRAM GmbH SFH-4141 Datasheet HTML 5Page - OSRAM GmbH SFH-4141 Datasheet HTML 6Page - OSRAM GmbH SFH-4141 Datasheet HTML 7Page - OSRAM GmbH SFH-4141 Datasheet HTML 8Page - OSRAM GmbH SFH-4141 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.2
SFH 4141
2016-07-29
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 20 mA, tP = 20 ms)
(typ)
TCI
-0.3
% / K
Temperature coefficient of V
F
(I
F = 20 mA, tP = 20 ms)
(typ)
TC
V
-0.8
mV / K
Temperature coefficient of wavelength
(IF = 20 mA, tP = 20 ms)
(typ)
TC
λ
0.3
nm / K
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
IF = 20 mA, tp = 20 ms
IF = 20 mA, tp = 20 ms
IF = 1 A, tp = 100 µs
Ie, min [mW / sr]
Ie, max [mW / sr]
Ie, typ [mW / sr]
SFH 4141-S
16
32
265
SFH 4141-T
25
50
410
SFH 4141-U
40
80
660
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 2:1).
Relative Spectral Emission 2) page 8
Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 8
Ie / Ie(20 mA) = f(IF), single pulse, tp = 100 µs,
TA= 25°C
Parameter
Symbol
Values
Unit
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
OHF05669
3
10
Ι
e
(20 mA)
e
Ι
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
10
0
10
1
2
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com