Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4232A Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH-4232A
Description  High Power Infrared Emitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4232A Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH-4232A Datasheet HTML 2Page - OSRAM GmbH SFH-4232A Datasheet HTML 3Page - OSRAM GmbH SFH-4232A Datasheet HTML 4Page - OSRAM GmbH SFH-4232A Datasheet HTML 5Page - OSRAM GmbH SFH-4232A Datasheet HTML 6Page - OSRAM GmbH SFH-4232A Datasheet HTML 7Page - OSRAM GmbH SFH-4232A Datasheet HTML 8Page - OSRAM GmbH SFH-4232A Datasheet HTML 9Page - OSRAM GmbH SFH-4232A Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2016-08-11
6
Version 1.8
SFH 4232A
Recommended Solder Pad
Dimensions in mm (inch).
Attention
Anode and Heatsink are electrically connected
Reflow Soldering Profile
Product complies to MSL Level 2 acc. to JEDEC J-STD-020D.01
Solder resist
Freies Kupfer
Bare Copper
Lötpasten Schablone
Solder paste stencil
Lötstopplack
OHAY0681
Kupfer
Copper
1.6 (0.063)
11.6 (0.457)
12.0 (0.472)
1.6 (0.063)
11.6 (0.457)
3 Lötstellen
3 solder points
Thermal enhanced PCB
Thermisch optimiertes PCB
ø4.0 (0.157)
Heatsink attach
ø4.0 (0.157)
ø2.5 (0.098)
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com