Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4232A Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4232A
Description  High Power Infrared Emitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4232A Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4232A Datasheet HTML 1Page - OSRAM GmbH SFH-4232A Datasheet HTML 2Page - OSRAM GmbH SFH-4232A Datasheet HTML 3Page - OSRAM GmbH SFH-4232A Datasheet HTML 4Page - OSRAM GmbH SFH-4232A Datasheet HTML 5Page - OSRAM GmbH SFH-4232A Datasheet HTML 6Page - OSRAM GmbH SFH-4232A Datasheet HTML 7Page - OSRAM GmbH SFH-4232A Datasheet HTML 8Page - OSRAM GmbH SFH-4232A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.8
SFH 4232A
2016-08-11
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 1 A, tp = 10 ms)
(typ)
TCI
-0.3
% / K
Temperature coefficient of V
F
(I
F = 1 A, tp = 10 ms)
(typ)
TC
V
-1
mV / K
Temperature coefficient of wavelength
(IF = 1 A, tp = 10 ms)
(typ)
TC
λ,
centroid
0.3
nm / K
Group
Min Total Radiant Flux
Max Total Radiant Flux
IF = 1 A, tp = 10 ms
IF = 1 A, tp = 10 ms
Φe min [mW]
Φe max [mW]
SFH 4232A - DA
400
630
SFH 4232A - DB
500
800
SFH 4232A - EA
630
1000
Note:
Measured with integrating sphere.
Only one group in one package unit ( variation lower 1.6:1)
Relative Total Radiant Flux 1) page 11
Φe / Φe (1A) = f(IF), TA = 25°C, Single pulse,
tp= 100μs
Max. Permissible Forward Current
IF = f(TS), RthJS = 10 K/W
Parameter
Symbol
Values
Unit
OHF05526
I
F
A
10
5 10
5
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e (1 A)
e
Φ
1
10
0
10
-1
-2
Φ
-40
100
0
200
400
300
500
˚C
TS
700
600
800
F
I
900
mA
1100
OHF05527
-20
0
20 40 60 80
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com