Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4485 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4485 Datasheet HTML 1Page - Monolithic Power Systems MPQ4485 Datasheet HTML 2Page - Monolithic Power Systems MPQ4485 Datasheet HTML 3Page - Monolithic Power Systems MPQ4485 Datasheet HTML 4Page - Monolithic Power Systems MPQ4485 Datasheet HTML 5Page - Monolithic Power Systems MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
2
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
MPQ4485
PGND
EN
IN
AGND
SW
USB1
OUT
VIN
12V
L1
4.7µH
VCC
BST
C4
220nF
DM1
DP1
USB2
DM2
USB1, 3A
USB2, 2.5A
MODE
C2A
20µF
C6
4.7µF
C5
4.7µF
U
S
B
U
S
B
+ C1
100µF
C1A
50µF
CC2
CC1
DP2
DP2_OUT
DM2_OUT
POL
Vout=5.17V
C3
1µF
To Host Controller
+
C2
270µF
C7
1nF
L3, Bead,
1kΩ@100MHz
R3
1kΩ
R1
0Ω
R4
150Ω
Efficiency vs. Load Current
72
76
80
84
88
92
96
100
0
1
2
3
4
5
Load Current (A)
Vin=12V
Vin=6V
Vin=36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com