Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4485 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4485 Datasheet HTML 1Page - Monolithic Power Systems MPQ4485 Datasheet HTML 2Page - Monolithic Power Systems MPQ4485 Datasheet HTML 3Page - Monolithic Power Systems MPQ4485 Datasheet HTML 4Page - Monolithic Power Systems MPQ4485 Datasheet HTML 5Page - Monolithic Power Systems MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
4
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................... -0.4V to +40V
VSW ...................................-0.3V (-5V for <10ns)
to VIN + 0.3V (43V for <10ns)
VBST ..................................................VSW + 5.5V
VEN ..........................................-0.3V to +10V
(2)
VOUT, VUSB
......................................................................................
-0.3V to +6.5V
All other pins............................... -0.3V to +5.5V
Continuous power dissipation (TA = +25°C)
(3)
QFN-26 (5mmx5mm) ...............................6.25W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions
(4)
Operation input voltage range............ 6V to 36V
Output current........3A for USB1, 2.5A for USB2
Operating junction temp. (TJ)... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-26 (5mmx5mm)
JESD51-7
(5) ......................... 44........ 9 .... °C/W
50mmx50mm 4-Layer PCB ... 20........ 2 .... °C/W
NOTES:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) For details on EN
’s ABS max rating, please refer to the EN
Control section on page 13.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage. Measured on a 4-layer PCB (50mmx50mm).
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com