Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4884 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PI4884
Description  TrenchMOS logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PI4884 Datasheet(HTML) 5 Page - NXP Semiconductors

  PI4884 Datasheet HTML 1Page - NXP Semiconductors PI4884 Datasheet HTML 2Page - NXP Semiconductors PI4884 Datasheet HTML 3Page - NXP Semiconductors PI4884 Datasheet HTML 4Page - NXP Semiconductors PI4884 Datasheet HTML 5Page - NXP Semiconductors PI4884 Datasheet HTML 6Page - NXP Semiconductors PI4884 Datasheet HTML 7Page - NXP Semiconductors PI4884 Datasheet HTML 8Page - NXP Semiconductors PI4884 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
PI4884
TrenchMOS™ logic level FET
Product data
Rev. 02 — 12 April 2002
5 of 12
9397 750 09583
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Characteristics
Table 4:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS = 0 V
30
--V
VGS(th)
gate-source threshold voltage
ID = 250 µA; VDS =VGS; Figure 9
1-
2V
IDSS
drain-source leakage current
VDS =24V; VGS =0V
Tj =25 °C
--1
µA
Tj = 100 °C
--5
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS = 0 V
-
100
nA
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID =10A; Figure 7 and 8
-
11
16.5
m
Ω
VGS = 10 V; ID = 12 A;
-
8.9
10.5
m
Ω
Dynamic characteristics
gfs
forward transconductance
VDS =15V; ID =10A;
-
34
-
S
Qg(tot)
total gate charge
ID = 15 A; VDD =16V; VGS =5V; Figure 13
-
17.6
-
nC
Qgs
gate-source charge
-
4
-
nC
Qgd
gate-drain (Miller) charge
-
4.4
-
nC
Ciss
input capacitance
VGS =0V; VDS = 16 V; f = 1 MHz; Figure 11
-
1335 -
pF
Coss
output capacitance
-
391
-
pF
Crss
reverse transfer capacitance
-
190
-
pF
td(on)
turn-on delay time
VDD =16V; RD =10 Ω; VGS = 10 V
-
10.6
-
ns
tr
rise time
-
11.7
-
ns
td(off)
turn-off delay time
-
37
-
ns
tf
fall time
-19
-
ns
Source-drain (reverse) diode
VSD
source-drain (diode forward) voltage IS = 1 A; VGS =0V; Figure 12
-
0.7
1.0
V
trr
reverse recovery time
IS = 2.3 A; dIS/dt = −100 A/µs; VGS =0V
-
70
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com