Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4884 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PI4884
Description  TrenchMOS logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PI4884 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PI4884 Datasheet HTML 2Page - NXP Semiconductors PI4884 Datasheet HTML 3Page - NXP Semiconductors PI4884 Datasheet HTML 4Page - NXP Semiconductors PI4884 Datasheet HTML 5Page - NXP Semiconductors PI4884 Datasheet HTML 6Page - NXP Semiconductors PI4884 Datasheet HTML 7Page - NXP Semiconductors PI4884 Datasheet HTML 8Page - NXP Semiconductors PI4884 Datasheet HTML 9Page - NXP Semiconductors PI4884 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
PI4884
TrenchMOS™ logic level FET
Product data
Rev. 02 — 12 April 2002
6 of 12
9397 750 09583
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Tj =25 °CTj =25 °C and 150 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain source on-state resistance
factor as a function of junction temperature.
VGS = 2.2 V
ID
(A)
16
12
8
4
0
2.5 V
2.8 V
5 V
4 V
0
0.4
0.8
1.2
1.6
2.0
VDS (V)
003aaa162
20
16
12
8
4
0
ID
(A)
VGS (V)
01
2
4
3
150 οC
25 οC
003aaa163
RDSon
(m
Ω)
40
0
160
200
120
80
ID (A)
16
04
8
12
VGS = 2.5 V
2.2 V
4 V
5 V
003aaa164
03aa27
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (
oC)
a
a
R
DSon
R
DSon 25
°C
()
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com