Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3332GC Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3332GC Datasheet HTML 13Page - Monolithic Power Systems MP3332GC Datasheet HTML 14Page - Monolithic Power Systems MP3332GC Datasheet HTML 15Page - Monolithic Power Systems MP3332GC Datasheet HTML 16Page - Monolithic Power Systems MP3332GC Datasheet HTML 17Page - Monolithic Power Systems MP3332GC Datasheet HTML 18Page - Monolithic Power Systems MP3332GC Datasheet HTML 19Page - Monolithic Power Systems MP3332GC Datasheet HTML 20Page - Monolithic Power Systems MP3332GC Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
17
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
NTC Detection
If the register NTC_WD is set to enable NTC
detection, the NTC sources a constant 35µA
current. Connect the negative temperature
coefficient (NTC) resistor between NTC and
GND (see Figure 16). If the voltage across the
NTC resistor (35µA*RNTC) drops below the
threshold set by NTC_WD, the internal fault bit
FT_LEDHOT is set to 1, and the modes are
reset to standby mode if LEDT_SD = 1. If
LEDT_SD = 0, the mode setting is not reset
after the fault bit is set. The fault bit remains
until it is read back, or the power is reset. Float
NTC when the protection mode is not needed.
NTC
DEC
RNTC
Figure 16: NTC Detection
VOUT-GND Short Protection
If VOUT < 1V, the device stops switching and
disconnects the synchronous PMOS to avoid
drawing excessive current from the battery. Set
the FT_VOSC bit to 1 and reset the mode
setting. The fault bit remains until it is read back,
or the power is reset.
LED1/2-GND Short Protection
If VLED1 < 1V and ILED1 > 5mA, or VLED2 <
1V and ILED2 > 5mA, the IC marks off the
current source and sets the fault bit FT_LEDSC
to 1, but continues switching. If both current
sources are marked off, the device stops
switching, and the mode setting is reset. The
fault bit FT_LEDSC is 1 until it is read back, or
the power is reset. If LED_EN1/2 is set to 0, the
feedback of the current source 1/2 is not
involved in the loop control, and the fault
detection on this channel is disabled.
LED1/2 Open Protection
If VOUT-VLED1/2 < 100mV and VOUT > 5.5V,
the fault current source is marked off, and the
fault bit FT_OVP is set to 1, but continues
switching. If both current sources are marked
off, the device stops switching, and the mode
setting is reset. The fault bit FT_OVP is 1 until it
is
read
back, or
the power
is
reset.
If
LED_EN1/2 is set to 0, the feedback of the
current source 1/2 is not involved in the loop
control, and the fault detection on this channel
is disabled.
Output Over-Voltage Protection (OVP)
If VOUT > 5.5V, the device stops switching and
resumes normal operation when VOUT drops
below 5.2V. The fault bit FT_OVP is 1 until it is
read back, or the power is reset.
Junction Over-Temperature Protection (OTP)
If Tj > 130°C, the flash current drops to the
current set by I_TX if LED_OTAD = 1, and the
fault bit FT_OTP is set. If Tj > 1°C, the device
stops switching and resets the mode setting.
The fault bit FT_OTP must be cleared to 0 by a
read-back or power reset before restarting.
Time-Out Protection
If the device works in flash mode with hardware
and
level
trigger
enabled,
the
time-out
protection is triggered when the STR pulse is
longer than the time set by FL_TIM. The device
stops switching and resets the mode setting bits
when LED_SD = 0, and the fault bit FT_TO is 1
until it is read back, or the power is reset.
Under-Voltage Lockout (UVLO) Protection
If VIN drops below the UVLO threshold, the
device stops and all of the registers are reset to
default.
I2C Interface Register Description
I2C Chip Address
After the start condition, the I2C compatible
master sends a seven-bit address followed by
an eighth read (Read: 1) or write (Write: 0) bit.
The following bit indicates the register address
to or from which the data is read or written.
0
1
1
1
0
1
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com