Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3332GC Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3332GC Datasheet HTML 16Page - Monolithic Power Systems MP3332GC Datasheet HTML 17Page - Monolithic Power Systems MP3332GC Datasheet HTML 18Page - Monolithic Power Systems MP3332GC Datasheet HTML 19Page - Monolithic Power Systems MP3332GC Datasheet HTML 20Page - Monolithic Power Systems MP3332GC Datasheet HTML 21Page - Monolithic Power Systems MP3332GC Datasheet HTML 22Page - Monolithic Power Systems MP3332GC Datasheet HTML 23Page - Monolithic Power Systems MP3332GC Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
20
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 4: Peak Current Setting Register
Addr: 0x02
Bit
Bit Name
Access
Default
Description
7:5
NTC_WD
RW
000
NTC detection window.
000 = disabled
001 = 0.6V; 010 = 0.67V; 011 = 0.74V; 111 = 1.02V;
0.07V/step
4:3
IL_PEAK
RW
01
Inductor current limit setting bits.
00 = 2A, 01 = 2.5A, 10 = 3.5A, 11 = 4.5A
2
FS_SD
RW
0
Disable the switching frequency stretching down from
1MHz if VIN is close to VOUT.
0 = enable Fsw stretch-down function
1 = disable Fsw stretch-down function
1
BAL_ON
RW
0
LED load balance enable bit.
0 = LED voltage mismatch auto-balance disabled
1 = LED voltage mismatch auto-balance enabled
0
NA
RW
NA
Reserved
Table 5: Flash Timer Setting Register
Addr: 0x03
Bit
Bit Name
Access
Default
Description
7:4
FL_TIM
RW
0001
Flash timer setting bits. 50ms to 800ms, 50ms/step.
0000 = 50ms; 0001 = 100ms; 1111 = 800ms
3
LED_SD
RW
0
LED_MOD and LED1/2_EN resetting control bit.
0 = reset LED_MOD and LED1/2_EN to default value
after flash or torch
1 = no reset
2
LEDT_SD
RW
0
LED_MOD and LED1/2_EN resetting control bit when an
NTC fault occurs.
0 = no reset and device continues
1 = reset and device stops
1:0
SW_FS
RW
00
Switching frequency setting bits.
00 = 4MHz; 01 = 3MHz; 10 = 2MHz; 11 = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com