Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3378GY Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3378GY Datasheet HTML 13Page - Monolithic Power Systems MP3378GY Datasheet HTML 14Page - Monolithic Power Systems MP3378GY Datasheet HTML 15Page - Monolithic Power Systems MP3378GY Datasheet HTML 16Page - Monolithic Power Systems MP3378GY Datasheet HTML 17Page - Monolithic Power Systems MP3378GY Datasheet HTML 18Page - Monolithic Power Systems MP3378GY Datasheet HTML 19Page - Monolithic Power Systems MP3378GY Datasheet HTML 20Page - Monolithic Power Systems MP3378GY Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
17
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
WLED CONTROLLER SECTION:
Selecting the Switching Frequency
The switching frequency of the step-up converter
is recommended from 300 kHz to 500 kHz for
most applications. An oscillator resistor on OSC
sets the internal oscillator frequency for the step-
up converter according to Equation (1):
 
SW1
67320
F
KHz
Rosc K
Ω
(1)
For ROSC = 224 kΩ, the switching frequency is set
to 300 kHz.
Setting the LED Current
Each LED string current is set through the
current-setting resistor on ISET. See Equation (2):
 
SET
795 1.23
ILED(mA)
RK
Ω
(2)
For RSET = 8.06 kΩ, the LED current is set to
120 mA. Please do NOT leave ISET open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients. For
most
applications,
use
a
4.7
μF ceramic
capacitor in parallel with a 220 µF electrolytic
capacitor.
Selecting the Inductor and Current-Sensing
Resistor
A larger value inductor results in less ripple
current and lower peak inductor current, reducing
stress on the N-channel MOSFET. However, the
larger value inductor has a larger physical size, a
higher series resistance, and a lower saturation
current.
Choose an inductor that does not saturate under
the
worst-case
load
conditions.
Select
the
minimum inductor value to ensure that the boost
converter works in continuous conduction mode
(CCM)
with high efficiency and good EMI
performance.
Calculate the required inductance value using
Equation (3):
2
OUT1
SW1
LOAD1
η V
D (1 D)
L1
2 f
I
  

IN1
OUT1
V
D1
V

(3)
Where VIN1 and VOUT1 are the input and output
voltages, fSW1 is the switching frequency, ILOAD1 is
the LED load current, and η is the efficiency.
Usually the switching current is used for peak-
current-mode control. In order to avoid hitting the
current limit, the voltage across the sensing
resistor (RSENSE) must be less than 80% of the
worst-case current-limit voltage (VSENSE). See
Equation (4):
SENSE
SENSE
L1(PEAK)
0.8 V
R
I
OUT1
LOAD1
IN1
OUT1
IN1
L1(PEAK)
IN1
SW1
OUT1
V
I
V
(V
V )
I
ηV
2 L1 F
V

 
(4)
Where IL1(PEAK) is the peak value of the inductor
current. VSENSE is shown in Figure 4.
Figure 4
—V
SENSE vs. duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com