Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3378GY Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3378GY Datasheet HTML 7Page - Monolithic Power Systems MP3378GY Datasheet HTML 8Page - Monolithic Power Systems MP3378GY Datasheet HTML 9Page - Monolithic Power Systems MP3378GY Datasheet HTML 10Page - Monolithic Power Systems MP3378GY Datasheet HTML 11Page - Monolithic Power Systems MP3378GY Datasheet HTML 12Page - Monolithic Power Systems MP3378GY Datasheet HTML 13Page - Monolithic Power Systems MP3378GY Datasheet HTML 14Page - Monolithic Power Systems MP3378GY Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
11
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
14
VCC2
Bias supply for buck converter. Decouple with a 0.1
μF-0.22 μF capacitor. The
capacitance should be no more than 0.22
μF.
15
VIN2
Supply voltage input for buck converter. A ceramic capacitor is needed to decouple
the input rail. Use a wide PCB trace to make the connection.
16
SW
Switch output for buck converter. Use a wide PCB trace to make the connection.
17,18
GND2
Ground for buck converter.
19
AGND
Analog ground for buck converter.
20
BST
Bootstrap for buck converter. A capacitor and a 47
Ω resistor connected between SW
and BST are required to form a floating supply across the high-side switch driver.
21
SYNC
Synchronization for buck converter. Apply a clock signal with a frequency higher than
250 KHz; the frequency of the buck converter can be synchronized by the external
clock. The internal clock
’s rising edge is synchronized to the external clock’s falling
edge.
22
ISENSE
Current sense input for WLED controller. During normal operation, ISENSE senses
the voltage across the external inductor current-sensing resistor (RSENSE) for peak-
current
–mode control. Also, it limits the inductor current during every switching cycle.
23
GATE
Power switch gate output for WLED controller. GATE drives the external power
N-channel MOSFET.
24
VIN1
Supply input for WLED controller.
25
VCC1
The internal 6 V linear regulator output for WLED controller. VCC1 provides a
power supply for the external MOSFET switch gate driver and the internal control
circuitry. Bypass VCC1 to GND with a ceramic capacitor.
26
COMP
Error amplifier output of WLED controller. Connect a capacitor and resistor in series
to stabilize the boost converter loop.
27
EN
Enable input for WLED controller.
28
PWM
Input signal for PWM brightness control. If PWM is floated, pull internally to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com