Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5016 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems MP5016 Datasheet HTML 10Page - Monolithic Power Systems MP5016 Datasheet HTML 11Page - Monolithic Power Systems MP5016 Datasheet HTML 12Page - Monolithic Power Systems MP5016 Datasheet HTML 13Page - Monolithic Power Systems MP5016 Datasheet HTML 14Page - Monolithic Power Systems MP5016 Datasheet HTML 15Page - Monolithic Power Systems MP5016 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP5016
– 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.0
www.MonolithicPower.com
12
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short-circuit event, the current may exceed the
current-limit threshold before the control loop
can respond. If the current reaches the 8A
secondary current limit level, a fast turn-off circuit
activates to turn off the power MOSFET. This
can help limit the peak current through the switch,
keeping the input voltage from dropping too
much. The total short-circuit response time is
about 1µs. After the MOSFET has switched off,
the part restarts. During the restart process, if the
short still exists, the MP5016 regulates the gate
voltage to hold the current at a normal current
limit level. The IC enters hiccup mode with 2ms
of on time and 700ms of off time.
To prevent safe operating area (SOA) damage
during
a
high
input
voltage
short-circuit
protection (SCP) condition, the IC current limit
folds back when the power MOSFET VDS voltage
is above the typical 11V and the junction
temperature is over 110°C.
Reverse Blocking MOSFET Driver
The MP5016 has a GATE pin to provide an
external N-channel MOSFET gate drive signal
for reverse-current protection (RCP). Three
events can pull down the GATE voltage: VIN
below the under-voltage lockout (UVLO), the
enable
(EN)
voltage
below
the
low-level
threshold, or thermal shutdown. If any of these
conditions occur, GATE sinks the current from
the gate of the external MOSFET to initiate a fast
turn-off.
For 3.3V low input voltage applications, choose
an external reverse blocking MOSFET with a
small gate threshold voltage (VGSth < 1.6V) to
reduce the voltage drop caused by the reverse-
blocking MOSFET.
Setting an appropriate OVP threshold also can
protect the reverse voltage (from the output to
the input) when using an external N-channel
MOSFET. When VOUT rises too high during
normal operation, the MP5016 SOURCE voltage
is higher than the OVP threshold. In this case,
the GATE voltage is regulated to maintain the
SOURCE clamped at the OVP threshold. This
action protects the reverse current from the high
VOUT to the low VIN.
A 100pF capacitor is required on GATE if it is not
connected to the external MOSFET.
Output Discharge
The MP5016 involves a discharge function that
provides a resistive discharge path for the
external output capacitor. The function is active
when the part is disabled (VIN UVLO, EN
shutdown) and is done in a very limited amount
of time. When using the external reverse-current
block MOSFET, the output discharge path is
blocked by the reverse current block MOSFET.
Therefore, the output cannot be discharged
when the reverse-current block MOSFET is used.
Enable (EN)
The MP5016 is enabled when EN is high. The
MP5016 is disabled when EN is low. Floating EN
shuts down the MP5016 because there is an
internal 2.2M
Ω resistor pulling EN down to
ground. For automatic start-up, connect a pull-up
resistor from VCC to EN.
EN is clamped internally using a 5.5V Zener
diode (see Figure 2). Connecting the EN input
through a pull-up resistor to VCC limits the EN
input current below
100μA to prevent damage to
the Zener diode. For example, when connecting
a 300k
Ω pull-up resistor to 15V VCC, IZener = (15V
- 5.5V) / 300k
Ω - 5.5V / 2.2MΩ = 29µA.
EN
Logic
2.2MΩ
EN
GND
1kΩ
5.5V
Figure 2: Zener Diode between EN and GND
When using a pull-up resistor to set the power-
on threshold, avoid using a pull-up resistor that
is too small to increase the operational quiescent
current.
Thermal Shutdown
– Auto-Retry
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds 175°C,
the entire chip shuts down, and EN reports a fail
mode. When the temperature drops below its
lower threshold (typically 125°C), the chip is
enabled again after a 700ms delay, typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com