Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5016 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems MP5016 Datasheet HTML 10Page - Monolithic Power Systems MP5016 Datasheet HTML 11Page - Monolithic Power Systems MP5016 Datasheet HTML 12Page - Monolithic Power Systems MP5016 Datasheet HTML 13Page - Monolithic Power Systems MP5016 Datasheet HTML 14Page - Monolithic Power Systems MP5016 Datasheet HTML 15Page - Monolithic Power Systems MP5016 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP5016
– 2.7V - 15V, 0.7A - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.0
www.MonolithicPower.com
13
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Current Limit
The MP5016 current limit value should exceed
the normal maximum load current, allowing for
tolerances in the current sense value. The
current limit is a function of the external current
limit resistor. Table 1 and Figure 3 list examples
of typical current limit values as a function of the
resistor value.
Table 1: Typical Current Limit vs. Current Limit
Resistor (8)
RLIMIT (Ω)
3000
1050
604
470
422
ILIMIT (A)
0.75
2
3.5
4.5
5
NOTE:
8)
The current limit in Table 1 is a typical value for the reference
design.
Figure 3: Current Limit vs. Current Limit Resistor
The MP5016 current limit can be programmed
from 0.7A to 5A by connecting the correct
resistor (RLIMIT). The current limit cannot be set
too low, because the MP5016 works in sleep
mode when the load is lower than 0.38A,
typically. The current limit logic is disabled in
sleep mode, also.
Setting the Over-Voltage Clamp Threshold
Drive MODE high to VCC to set the output OVP
clamp voltage at 15.2V. Drive MODE low to GND
to set the output OVP clamp voltage at 5.75V.
Refer to Table 2 to set the MODE high/low digital
voltage.
Table 2: MODE High/Low Digital Voltage
Min.
Max.
VMODE_HIGH
VCC - 0.2V
VMODE_LOW
0.2V
The OVP threshold can also be set by
connecting a resistor from MODE to ground. In
this case, the OVP clamp threshold is given by
Equation (3):
0.3(V)
(K
Ω
R
0.047
(V)
V
MODE
clamp
)
(3)
RMODE should be above 68kΩ. For example, an
RMODE value of 76.8kΩ can set the OVP clamp
threshold to 3.9V.
When RMODE is used, place a 39pF capacitor
from MODE to GND.
Setting the Soft-Start Time
The soft-start time is related to the dV/dt slew
rate and input voltage and can be calculated with
Equation (4):
(V/ms)
dv/dt
Vin(V)
t_ss(ms)
(4)
The dV/dt slew rate is controlled by external
DV/DT capacitor setting and MODE setting.
Table 3 shows the dV/dt slew rate when DV/DT
is floating.
Table 3: dV/dt Slew Rate Value when DV/DT is
Floating
MODE Connection
dV/dt Slew Rate (V/ms)
Low
0.8
High
2
Float
3.8
RMODE
7ms
(V)
V
clamp
For cases with an external DV/DT capacitor, the
dV/dt slew rate can be calculated with Equation
(5):
(nF)
C
K1
μΑ
6.5
(V/ms)
dv/dt
DV/DT
(5)
See Table 4 for the K1 factor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com