Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101S021 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S021
Description  Single Channel, 500 kSPS, 8-Bit A/D Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S021 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC101S021 Datasheet HTML 1Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 2Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 3Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 4Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
20145507
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Description
ANALOG I/O
3V
IN
Analog inputs. This signal can range from 0V to V
A.
DIGITAL I/O
4
SCLK
Digital clock input. This clock directly controls the conversion and readout processes.
5
SDATA
Digital data output. The output samples are clocked out of this pin on falling edges of
the SCLK pin.
6CS
Chip select. On the falling edge of CS, a conversion process begins.
POWER SUPPLY
1V
A
Positive supply pin. This pin should be connected to a quiet +2.7V to +5.25V source
and bypassed to GND witha1µF capacitor and a 0.1 µF monolithic capacitor located
within 1 cm of the power pin.
2
GND
The ground return for the supply and signals.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com