Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101S021 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S021
Description  Single Channel, 500 kSPS, 8-Bit A/D Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S021 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC101S021 Datasheet HTML 1Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 2Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 3Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 4Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADC081S051
Single Channel, 500 kSPS, 8-Bit A/D Converter
General Description
The ADC081S051 is a low-power, single channel CMOS
8-bit analog-to-digital converter with a high-speed serial in-
terface. Unlike the conventional practice of specifying per-
formance at a single sample rate only, the ADC081S051 is
fully specified over a sample rate range of 200 kSPS to 500
kSPS.
The
converter
is
based
on
a
successive-
approximation register architecture with an internal track-
and-hold circuit.
The output serial data is straight binary, and is compatible
with
several
standards,
such
as
SPI™,
QSPI™,
MICROWIRE, and many common DSP serial interfaces.
The ADC081S051 operates with a single supply that can
range from +2.7V to +5.25V. Normal power consumption
using a +3V or +5V supply is 2.9 mW and 10.5 mW, respec-
tively. The power-down feature reduces the power consump-
tion to as low as 2.6 µW using a +5V supply.
The ADC081S051 is packaged in an 6-lead LLP package.
Operation over the industrial temperature range of −40˚C to
+85˚C is guaranteed.
Features
n
Specified over a range of sample rates.
n
6-lead LLP package
n
Variable power management
n
Single power supply with 2.7V - 5.25V range
n
SPI™/QSPI™/MICROWIRE/DSP compatible
Key Specifications
n
DNL
+ 0.07 / −0.06 LSB (typ)
n
INL
+ 0.06 / −0.07 LSB (typ)
n
SNR
49.6 dB (typ)
n
Power Consumption
— 3V Supply
2.9 mW (typ)
— 5V Supply
10.5 mW (typ)
Applications
n
Portable Systems
n
Remote Data Aquisitions
n
Instrumentation and Control Systems
Pin-Compatible Alternatives by Resolution and Speed
All devices are fully pin and function compatible.
Resolution
Specified for Sample Rate Range of:
50 to 200 kSPS
200 to 500 kSPS
500 kSPS to 1 MSPS
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC081S101
8-bit
ADC081S021
ADC081S051
ADC081S101
Connection Diagram
20145505
Ordering Information
Order Code
Temperature Range
Description
Top Mark
ADC081S051CISD
−40˚C to +85˚C
6-Lead LLP Package
X6C
ADC081S051CISDX
−40˚C to +85˚C
6-Lead LLP Package, Tape & Reel
X6C
TRI-STATE® is a trademark of National Semiconductor Corporation
QSPI™ and SPI™ are trademarks of Motorola, Inc.
April 2005
© 2005 National Semiconductor Corporation
DS201455
www.national.com


Similar Part No. - ADC101S021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 23P
ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 26P
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 24P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC101S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com