Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4271 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH-4271
Description  Infrared Emitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4271 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH-4271 Datasheet HTML 1Page - OSRAM GmbH SFH-4271 Datasheet HTML 2Page - OSRAM GmbH SFH-4271 Datasheet HTML 3Page - OSRAM GmbH SFH-4271 Datasheet HTML 4Page - OSRAM GmbH SFH-4271 Datasheet HTML 5Page - OSRAM GmbH SFH-4271 Datasheet HTML 6Page - OSRAM GmbH SFH-4271 Datasheet HTML 7Page - OSRAM GmbH SFH-4271 Datasheet HTML 8Page - OSRAM GmbH SFH-4271 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Version 1.0 (not for new design)
SFH 4271
2012-08-17
5
Relative Spectral Emission
Relative spektrale Emission
Irel = f( ), TA = 25°C
Radiant Intensity
Strahlstärke
Ie / Ie(100 mA) = f(IF), single pulse, tp = 25 μs,
TA= 25°C
0
750
Ι
rel
OHR00877
800
850
900
950 nm 1000
20
40
60
80
%
100
λ
10
OHR00878
Ι e
F
Ι
-3
-2
10
-1
10
0
10
1
10
2
10
0
10
10
1
10
2
10
4
mA
e
Ι
(100mA)
3
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com