Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3965 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3965
Description  8-Switch Matrix LED Dimmer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3965 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3965 Datasheet HTML 3Page - Linear Technology LT3965 Datasheet HTML 4Page - Linear Technology LT3965 Datasheet HTML 5Page - Linear Technology LT3965 Datasheet HTML 6Page - Linear Technology LT3965 Datasheet HTML 7Page - Linear Technology LT3965 Datasheet HTML 8Page - Linear Technology LT3965 Datasheet HTML 9Page - Linear Technology LT3965 Datasheet HTML 10Page - Linear Technology LT3965 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3965/LT3965-1
7
39651fa
For more information www.linear.com/LT3965
TYPICAL PERFORMANCE CHARACTERISTICS
Open LED Threshold Rising vs VIN,
Temperature for VOTH[1:0] = 10
Open LED Threshold Rising vs VIN,
Temperature for VOTH[1:0] = 11
Shorted LED Threshold Falling vs
VIN, Temperature for VOTH[1:0] = 00
Shorted LED Threshold Falling vs
VIN, Temperature for VSTH[1:0] = 01
RTCLK Input Clock Frequency vs
Fading Time
RTCLK vs Fading Time
Shorted LED Threshold Falling vs
VIN, Temperature for VSTH[1:0] = 11
Shorted LED Threshold Falling vs
VIN, Temperature for VSTH[1:0] = 10
Current Out of SRC Pin vs
Temperature
VIN VOLTAGE (V)
5
15.0
12.0
9.0
13.5
10.5
7.5
6.0
25
45
15
35
55
3965 G13
60
20
40
10
30
50
SRC = 0V
–50°C
25°C
150°C
VIN VOLTAGE (V)
5
20
16
12
8
18
14
10
6
25
45
15
35
55
3965 G14
60
20
40
10
30
50
SRC = 0V
–50°C
25°C
150°C
VIN VOLTAGE (V)
5
1.2
1.0
1.1
0.9
0.8
25
45
15
35
55
3965 G15
60
20
40
10
30
50
LEDREF = 3V
SRC = 0V
–50°C
25°C
150°C
VIN VOLTAGE (V)
5
4.2
4.0
4.1
3.9
3.8
25
45
15
35
55
3965 G15
60
20
40
10
30
50
LEDREF = 3V
SRC = 0V
–50°C
25°C
150°C
FADING TIME (ms)
300
3.0
2.6
1.8
2.2
1.4
0.6
1.0
0.2
600
450
900
3965 G20
1200
750
1050
FADING UP
FADING DOWN
PWM DIMMING END POINTS
0.4% AND 99.6%
FADING TIME (ms)
300
55
50
40
45
35
20
25
15
10
30
5
600
450
900
3965 G21
1200
750
1050
FADING UP
FADING DOWN
PWM DIMMING END POINTS
0.4% AND 99.6%
VIN VOLTAGE (V)
15
11
9
10
8
7
6
25
45
35
55
3965 G18
60
20
40
30
50
LEDREF = 3V
SRC = 0V
–50°C
25°C
150°C
TEMPERATURE (°C)
–50
50
40
20
30
10
0
0
50
–25
25
100
3965 G19
150
75
125
SWITCH IS ON
SWITCH IS OFF
VIN VOLTAGE (V)
10
7.5
6.5
7.0
6.0
5.5
25
45
15
35
55
3965 G17
60
20
40
30
50
LEDREF = 3V
SRC = 0V
–50°C
25°C
150°C
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com