Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3965 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3965
Description  8-Switch Matrix LED Dimmer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3965 Datasheet(HTML) 3 Page - Linear Technology

  LT3965 Datasheet HTML 1Page - Linear Technology LT3965 Datasheet HTML 2Page - Linear Technology LT3965 Datasheet HTML 3Page - Linear Technology LT3965 Datasheet HTML 4Page - Linear Technology LT3965 Datasheet HTML 5Page - Linear Technology LT3965 Datasheet HTML 6Page - Linear Technology LT3965 Datasheet HTML 7Page - Linear Technology LT3965 Datasheet HTML 8Page - Linear Technology LT3965 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT3965/LT3965-1
3
39651fa
For more information www.linear.com/LT3965
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 40V, VDD = EN/UVLO = 5V, LEDREF = 3V, SRC = 0V, ADDR[4:1] not
connected, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Input Supply Voltage
l
2.7
5.5
V
VDD Operating IQ
SCL = SDA =5V (I2C Bus Idle), RTCLK = 28k
1.3
1.8
mA
VDD Shutdown IQ
EN/UVLO < 0.4V
EN/UVLO = 1.15V
0.1
1
8
µA
µA
VIN Operating Voltage
All Channels VOTH[1:0] = VSTH[1:0] = “00” (Note 3)
l
8
60
V
VIN Operating IQ (Channel Not Switching)
All Channels VOTH[1:0] = VSTH[1:0] = “00”, LED ON
1
1.4
mA
All Channels VOTH[1:0] = VSTH[1:0] = “11”, LED OFF
2.5
3.3
mA
All Channels VOTH[1:0] = “11”, VSTH[1:0] = “00”,
LED ON
1.5
2
mA
VIN Shutdown IQ
EN/UVLO < 1.15V
0.1
1
µA
DRN[8:1] Operating Voltage
l
VIN – 3V
V
SRC[8:1] Operating Voltage
l
VIN – 7.1V
V
Current Out of SRC[8:1] Pins (Each Channel)
Channel LED Is On (Channel Switch Is Off)
Channel LED Is Off (Channel Switch Is On)
l
l
9
40
13
55
µA
µA
Switch On-Resistance
330
Switch Leakage Current
DRN = 16V, VOTH[1:0] = 11
5
µA
Switch Transition Time (tr/tf)
DRN to 10V through 50Ω Resistor
0.35
0.5
0.65
µs
DRN[8:1] to SRC[8:1] Crowbar Protection
Clamp Voltage
LED or Switch Bypass Current is 500mA
l
22
25
V
Response Time from SW Crowbar Protection
to SW Secure Protection
LED or Switch Bypass Current is 500mA
l
1
1.6
µs
Programmable Open LED Threshold (VOTH)
VOTH[1:0] = “00” (Note 3)
VOTH[1:0] = “01” (LT3965-1 POR State)
VOTH[1:0] = “10”
VOTH[1:0] = “11” (LT3965 POR State)
l
l
l
l
4.25
8.5
12.75
17
4.5
9
13.5
18
4.75
9.5
14.25
19
V
V
V
V
Programmable Shorted LED Threshold (VSTH)
for LEDREF = 0V
VSTH[1:0] = “00” (Note 3)
VSTH[1:0] = “01”
VSTH[1:0] = “10”
VSTH[1:0] = “11”
l
l
l
l
0.85
0.85
0.85
0.85
1
1
1
1
1.15
1.2
1.25
1.3
V
V
V
V
Programmable Shorted LED Threshold (VSTH)
for LEDREF = 3V
VSTH[1:0] = “00” (Note 3)
VSTH[1:0] = “01”
VSTH[1:0] = “10”
VSTH[1:0] = “11”
l
l
l
l
0.85
3.8
6.7
9.6
1
4
7
10
1.15
4.2
7.3
10.4
V
V
V
V
Programmable Shorted LED Threshold (VSTH)
for LEDREF ≥ 4V
VSTH[1:0] = “00” (Note 3)
VSTH[1:0] = “01”
VSTH[1:0] = “10”
VSTH[1:0] = “11”
l
l
l
l
0.85
4.7
8.5
12.3
1
5
9
13
1.15
5.3
9.5
13.7
V
V
V
V
EN/UVLO Threshold Voltage Falling
l
1.15
1.24
1.35
V
EN/UVLO Threshold Voltage Rising Hyst.
10
mV
EN/UVLO Input Bias Current Low
EN/UVLO = 1.15V
2.2
2.7
3.2
µA
EN/UVLO Input Bias Current High
EN/UVLO = 1.33V
10
100
nA
RTCLK Programmable Internal Oscillator or External Clock Source
LED PWM Dimming Frequency
(=RTCLK Programmed Oscillator
Frequency/2048 or External Clock
Frequency/2048)
RTCLK = 80.6kΩ
RTCLK = 28kΩ
RTCLK = 10kΩ
l
l
l
170
450
950
195
500
1090
220
550
1250
Hz
Hz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com