Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8331 Datasheet HTML 15Page - Linear Technology LT8331 Datasheet HTML 16Page - Linear Technology LT8331 Datasheet HTML 17Page - Linear Technology LT8331 Datasheet HTML 18Page - Linear Technology LT8331 Datasheet HTML 19Page - Linear Technology LT8331 Datasheet HTML 20Page - Linear Technology LT8331 Datasheet HTML 21Page - Linear Technology LT8331 Datasheet HTML 22Page - Linear Technology LT8331 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT8331
19
8331fa
For more information www.linear.com/LT8331
APPLICATIONS INFORMATION
In a SEPIC converter, no DC path exists between the input
and output. This is an advantage over the boost converter
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
SEPIC Converter: Switch Duty Cycle and Frequency
For a SEPIC converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT), the input voltage (VIN) and the diode
forward voltage (VD).
Themaximumdutycycle(DMAX)occurswhentheconverter
operates at the minimum input voltage:
DMAX =
VOUT + VD
VIN(MIN) + VOUT + VD
Conversely, the minimum duty cycle (DMIN) occurs when
the converter operates at the maximum input voltage:
DMIN =
VOUT + VD
VIN(MAX) + VOUT + VD
Be sure to check that DMAX and DMIN obey:
DMAX < 1 – Minimum Off-Time(MAX) • fOSC(MAX)
and
DMIN > Minimum On-Time(MAX) • fOSC(MAX)
where Minimum Off-Time, Minimum On-Time and fOSC
are specified in the Electrical Characteristics table.
SEPIC Converter: The Maximum Output Current
Capability and Inductor Selection
As shown in Figure 8, the SEPIC converter contains two
inductors:L1andL2.L1andL2canbeindependent,butcan
also be wound on the same core, since identical voltages
are applied to L1 and L2 throughout the switching cycle.
For the SEPIC topology, the current through L1 is the
converter input current. Based on the fact that, ideally, the
output power is equal to the input power, the maximum
average inductor currents of L1 and L2 are:
IL1(MAX)(AVE) =IIN(MAX)(AVE) =IO(MAX)
DMAX
1
− DMAX
IL2(MAX)(AVE) = IO(MAX)
In a SEPIC converter, the switch current is equal to IL1 +
IL2 when the power switch is on, therefore, the maximum
average switch current is defined as:
ISW(MAX)(AVE) = IL1(MAX)(AVE) + IL2(MAX)(AVE)
= IO(MAX)
1
1
− DMAX
and the peak switch current is:
ISW(PEAK) = 1 +
c
2

 • IO(MAX)
1
1
− DMAX
The constant c in the preceding equations represents
the percentage peak-to-peak ripple current in the switch,
relative to ISW(MAX)(AVE), as shown in Figure 9. Then, the
switch ripple current ∆ISW can be calculated by:
∆ISW = c • ISW(MAX)(AVE)
The inductor ripple currents ∆IL1 and ∆IL2 are identical:
∆IL1 = ∆IL2 = 0.5 • ∆ISW
Figure 9. The Switch Current Waveform of the SEPIC Converter
8331 F09
∆ISW = χ•ISW(MAX)(AVE)
ISW
t
DTS
ISW(MAX)(AVE)
TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com