Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8331 Datasheet HTML 17Page - Linear Technology LT8331 Datasheet HTML 18Page - Linear Technology LT8331 Datasheet HTML 19Page - Linear Technology LT8331 Datasheet HTML 20Page - Linear Technology LT8331 Datasheet HTML 21Page - Linear Technology LT8331 Datasheet HTML 22Page - Linear Technology LT8331 Datasheet HTML 23Page - Linear Technology LT8331 Datasheet HTML 24Page - Linear Technology LT8331 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8331
21
8331fa
For more information www.linear.com/LT8331
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
IRMS(CDC) > IO(MAX)
VOUT + VD
VIN(MIN)
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
INVERTING CONVERTER APPLICATIONS
The LT8331 can be configured as a dual-inductor inverting
topology, as shown in Figure 10. The VOUT to VIN ratio is:
VOUT − VD
VIN
= −
D
1
− D
in continuous conduction mode (CCM).
Conversely, the minimum duty cycle (DMIN) occurs when
the converter operates at the maximum input voltage :
DMIN =
VOUT − VD
VOUT − VD − VIN(MAX)
Be sure to check that DMAX and DMIN obey :
DMAX < 1 – Minimum Off-Time(MAX) • fOSC(MAX)
and
DMIN > Minimum On-Time(MAX) • fOSC(MAX)
where Minimum Off-Time, Minimum On-Time and fOSC
are specified in the Electrical Characteristics table.
Inverting Converter: Inductor, Output Diode and Input
Capacitor Selections
The selections of the inductor, output diode and input
capacitor of an inverting converter are similar to those
of the SEPIC converter. Please refer to the corresponding
SEPIC converter sections.
Inverting Converter: Output Capacitor Selection
The inverting converter requires much smaller output
capacitors than those of the boost, flyback and SEPIC
converters for similar output ripples. This is due to the fact
that, in the inverting converter, the inductor L2 is in series
with the output, and the ripple current flowing through the
outputcapacitorsarecontinuous.Theoutputripplevoltage
is produced by the ripple current of L2 flowing through
the ESR and bulk capacitance of the output capacitor:
∆VOUT(P–P) = ∆IL2 • ESRCOUT +
1
8 • fOSC • COUT


After specifying the maximum output ripple, the user can
select the output capacitors according to the preceding
equation.
Figure 10. A Simplified Inverting Converter
CDC
VIN
CIN
L1
D1
COUT
VOUT
8331 F10
+
GND
LT8331
SW
L2
+
+ –
+
APPLICATIONS INFORMATION
Inverting Converter: Switch Duty Cycle and Frequency
For an inverting converter operating in CCM, the duty
cycle of the main switch can be calculated based on the
negative output voltage (VOUT)andtheinputvoltage(VIN).
Themaximumdutycycle(DMAX)occurswhentheconverter
has the minimum input voltage:
DMAX =
VOUT − VD
VOUT − VD − VIN(MIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com