Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF4N65P/F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KF4N65P/F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF4N65P/F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF4N65P/F Datasheet HTML 1Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 2Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 3Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 4Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 5Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 6Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2011. 6. 21
4/7
KF4N65P/F
Revision No : 0
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
14
16
6
210
812
4
0
Fig8. Qg- VGS
Fig9. Safe Operation Area
104
103
102
101
100
Fig10. Safe Operation Area
0
0
3
1
2
4
75
150
125
50
100
25
ID=3.6A
C
Junction Temperature Tj ( )
Fig11. ID - Tj
VDS = 520V
Drain - Source Voltage VDS (V)
Drain - Source Voltage VDS (V)
10
1
10
0
101
10-1
100
10
-2
101
10-1
100
10
-2
10
2
10
3
(KF4N65P)
Tc= 25
Tj = 150
Single nonrepetitive pulse
C
C
DC
10ms
1ms
100
µs
10
µs
Operation in this
area is limited by RDS(ON)
Drain - Source Voltage VDS (V)
10
1
10
0
10
2
10
3
(KF4N65F)
Tc= 25
Tj = 150
Single nonrepetitive pulse
C
C
DC
10ms
1ms
100
µs
10
µs
Operation in this
area is limited by RDS(ON)
Fig 7. C - VDS
0
10203040
Crss
Coss
Ciss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com