Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF4N65P/F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KF4N65P/F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF4N65P/F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KF4N65P/F Datasheet HTML 1Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 2Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 3Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 4Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 5Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 6Page - KEC(Korea Electronics) KF4N65P/F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011. 6. 21
1/7
SEMICONDUCTOR
TECHNICAL DATA
KF4N65P/F
N CHANNEL MOS FIELD
EFFECT TRANSISTOR
Revision No : 0
General Description
This planar stripe MOSFET has better characteristics, such as fast
switching time, low on resistance, low gate charge and excellent
avalanche characteristics. It is mainly suitable for active power factor
correction and switching mode power supplies.
FEATURES
・VDSS=650V, ID=3.6A
・Drain-Source ON Resistance :
RDS(ON)(Max)=2.5Ω @VGS=10V
・Qg(typ.)= 12nC
MAXIMUM RATING (Tc=25
℃)
* : Drain current limited by maximum junction temperature.
CHARACTERISTIC
SYMBOL
RATING
UNIT
KF4N65P
KF4N65F
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
@TC=25℃
ID
3.6
3.6*
A
@TC=100℃
2.3
2.3*
Pulsed (Note1)
IDP
8.4
8.4*
Single Pulsed Avalanche Energy
(Note 2)
EAS
103
mJ
Repetitive Avalanche Energy
(Note 1)
EAR
3.1
mJ
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
4.5
V/ns
Drain Power
Dissipation
Tc=25
℃
PD
83.3
37.9
W
Derate above 25
℃
0.67
0.30
W/
℃
Maximum Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Thermal Characteristics
Thermal Resistance, Junction-to-Case
RthJC
1.5
3.3
℃/W
Thermal Resistance,
Junction-to-Ambient
RthJA
62.5
62.5
℃/W
G
D
S
PIN CONNECTION
DIM
MILLIMETERS
TO-220AB
1.46
A
B
C
D
E
F
G
H
J
K
M
N
O
0.8 0.1
+
_
2.8 0.1
+
_
2.54 0.2
+
_
1.27 0.1
+
_
1.4 0.1
+
_
13.08 0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.2
+
_
2.4
0.2
15.95 MAX
1.3+0.1/-0.05
0.5+0.1/-0.05
3.7
1.5
A
F
B
J
G
K
M
L
L
E
I
I
O
C
H
NN
Q
D
Q
P
P
1. GATE
2. DRAIN
3. SOURCE
12
3
1. GATE
2. DRAIN
3. SOURCE
TO-220IS (1)
A
A
B
C
C
D
D
E
E
F
G
H
H
1.47 MAX
1.47 MAX
J
K
L
M
L
N
NN
O
Q
R
R
12
3
M
DIM
MILLIMETERS
10.16
0.2
+
_
15.87
0.2
+
_
2.54
0.2
+
_
0.8
0.1
+
_
3.18
0.1
+
_
0.5
0.1
+
_
3.23
0.1
+
_
13.0
0.5
+
_
2.54
0.2
+
_
4.7
0.2
+
_
6.68
0.2
+
_
2.76
0.2
+
_
3.3
0.1
+
_
12.57
0.2
+
_
* Single Gauge Lead Frame
KF4N65P
KF4N65F


Similar Part No. - KF4N65P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF4N65P KEC-KF4N65P Datasheet
419Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
KF4N65P VBSEMI-KF4N65P Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
KEC(Korea Electronics)
KF4N65P KEC-KF4N65P_15 Datasheet
419Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF4N65P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50DR KEC-KF5N50DR Datasheet
69Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N50P KEC-KF10N50P Datasheet
80Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com