Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2979 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2979
Description  16-Channel PMBus Low-Voltage Power System Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2979 Datasheet(HTML) 2 Page - Linear Technology

  LTC2979 Datasheet HTML 1Page - Linear Technology LTC2979 Datasheet HTML 2Page - Linear Technology LTC2979 Datasheet HTML 3Page - Linear Technology LTC2979 Datasheet HTML 4Page - Linear Technology LTC2979 Datasheet HTML 5Page - Linear Technology LTC2979 Datasheet HTML 6Page - Linear Technology LTC2979 Datasheet HTML 7Page - Linear Technology LTC2979 Datasheet HTML 8Page - Linear Technology LTC2979 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2979
2
2979f
For more information www.linear.com/LTC2979
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages:
VIN_SNS.................................................. –0.3V to 15V
VDD33.................................................... –0.3V to 3.6V
VDD25.................................................. –0.3V to 2.75V
Digital Input/Output Voltages:
ALERTB, SDA, SCL, CONTROL0,
CONTROL1............................................ –0.3V to 5.5V
PWRGD, SHARE_CLK,
WDI/RESETB, WP....................–0.3V to VDD33 + 0.3V
FAULTB00, FAULTB01, FAULTB10,
FAULTB11 ................................–0.3V to VDD33 + 0.3V
ASEL0, ASEL1..........................–0.3V to VDD33 + 0.3V
Analog Voltages:
REFP................................................... –0.3V to 1.35V
REFM.................................................... –0.3V to 0.3V
VSENSEP[7:0] ............................................. –0.3V to 6V
VSENSEM[7:0]............................................. –0.3V to 6V
VOUT_EN[7:0], VIN_EN................................. –0.3V to 6V
VDACP[7:0]................................................. –0.3V to 6V
VDACM[7:0] ............................................ –0.3V to 0.3V
Operating Junction Temperature Range:
LTC2979C................................................ 0°C to 70°C
LTC2979I ........................................... –40°C to 105°C
Storage Temperature Range ................ –55°C to 125°C*
Maximum Junction Temperature ........................ 125°C*
Maximum Solder Temperature..............................260°C
*See OPERATION section of the LTC2977 data sheet for detailed EEPROM
derating information for junction temperatures in excess of 105°C.
(Notes 1, 2, 3)
PIN 1
TOP VIEW
BGA PACKAGE
144-LEAD (12mm
× 12mm ×1.29mm)
A
B
C
D
E
F
G
H
J
K
L
M
12
11
10
9
8
7
6
5
4
3
2
1
TJMAX = 125°C, θJA = 32°C/W, θJCtop = 11°C/W, θJCbottom = 15°C/W, θJB = 18°C/W,
WEIGHT = 1.6g, VALUES DETERMINED PER JEDEC 51-9, 51-12
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
OPERATING JUNCTION
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTC2979CY#PBF
SAC305 (RoHS)
LTC2979Y
e1
BGA
3
0°C to 70°C
LTC2979IY#PBF
SAC305 (RoHS)
LTC2979Y
e1
BGA
3
–40°C to 105°C
Consult Marketing for parts specified with wider operating temperature ranges. *Device temperature grade is indicated by a label on the shipping container.
Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging
http://www.linear.com/product/LTC2979#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com