Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2979 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2979
Description  16-Channel PMBus Low-Voltage Power System Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2979 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2979 Datasheet HTML 12Page - Linear Technology LTC2979 Datasheet HTML 13Page - Linear Technology LTC2979 Datasheet HTML 14Page - Linear Technology LTC2979 Datasheet HTML 15Page - Linear Technology LTC2979 Datasheet HTML 16Page - Linear Technology LTC2979 Datasheet HTML 17Page - Linear Technology LTC2979 Datasheet HTML 18Page - Linear Technology LTC2979 Datasheet HTML 19Page - Linear Technology LTC2979 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2979
20
2979f
For more information www.linear.com/LTC2979
www.linear.com/LTC2979
LT 0218 • PRINTED IN USA
ANALOG DEVICES, INC. 2018
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC2972
2-Channel PMBus Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and
Supervision, Input Current and Power, Input Energy Accumulator
LTC2974
4-Channel PMBus Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and
Supervision
LTC2975
4-Channel PMBus Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and
Supervision, Input Current and Power, Input Energy Accumulator
LTC2977
8-Channel PMBus Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Temperature Monitoring and Supervision
LTC2980
16-Channel PMBus Power System Manager
Dual LTC2977
LTM®2987
16-Channel µModule PMBus Power System Manager
Dual LTC2977 with Integrated Passive Components
Figure 4. LTC2979 16-Channel Application Circuit
VIN
VOUT
RUN/SS
SGND
VFB
GND
DC/DC
CONVERTER
LOAD
VDACP0
VSENSEP0
VSENSEM0
VDACM0
VOUT_EN0
LTC2979
DEVICE A
IN
OUT
EN
INTERMEDIATE
BUS CONVERTER
3.3V
VDACP1
VSENSEP1
VSENSEM1
VDACM1
VOUT_EN1
DC/DC
CONVERTER
VDACP2
VSENSEP2
VSENSEM2
VDACM2
VOUT_EN2
VDACP3
VSENSEP3
VSENSEM3
VDACM3
VOUT_EN3
VDACP4
VSENSEP4
VSENSEM4
VDACM4
VOUT_EN4
VDACP5
VSENSEP5
VSENSEM5
VDACM5
VOUT_EN5
VDACP6
VSENSEP6
VSENSEM6
VDACM6
VOUT_EN6
VDACP7
VSENSEP7
VSENSEM7
VDACM7
VOUT_EN7
2979 F04
VIN
VOUT
RUN/SS SGND
VFB
GND
DC/DC
CONVERTER
LOAD
VDACP0
VSENSEP0
VSENSEM0
VDACM0
VOUT_EN0
VDACP1
VSENSEP1
VSENSEM1
VDACM1
VOUT_EN1
DC/DC
CONVERTER
VDACP7
VSENSEP7
VSENSEM7
VDACM7
VOUT_EN7
VDACP2
VSENSEP2
VSENSEM2
VDACM2
VOUT_EN2
VDACP6
VSENSEP6
VSENSEM6
VDACM6
VOUT_EN6
VDACP5
VSENSEP5
VSENSEM5
VDACM5
VOUT_EN5
VDACP4
VSENSEP4
VSENSEM4
VDACM4
VOUT_EN4
VDACP3
VSENSEP3
VSENSEM3
VDACM3
VOUT_EN3
LTC2979
DEVICE B
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
TO/FROM OTHER ADI POWER SYSTEM MANAGERS AND MICROCONTROLLER
3.3V
5.49k
48V
12V
3.3V
REGULATOR
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
10k
3.3V
10k
48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com