Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3113 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 16Page - Linear Technology LTC3113 Datasheet HTML 17Page - Linear Technology LTC3113 Datasheet HTML 18Page - Linear Technology LTC3113 Datasheet HTML 19Page - Linear Technology LTC3113 Datasheet HTML 20Page - Linear Technology LTC3113 Datasheet HTML 21Page - Linear Technology LTC3113 Datasheet HTML 22Page - Linear Technology LTC3113 Datasheet HTML 23Page - Linear Technology LTC3113 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC3113
24
3113f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2010
LT 1110 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Pulsed Load or Portable RF Power Amplifier Application
Typical Output Response
PART NUMBER
DESCRIPTION
COMMENTS
LTC3112
15V, 2.5A (IOUT) Synchronous Buck-Boost DC/DC Converter
VIN: 2.7V to 15V, VOUT: 2.5V to 14V, IQ = 50μA, ISD < 1μA,
DFN Package
LTC3127
1A Buck-Boost DC/DC Converter with Programmable Input
Current Limit
VIN: 1.8V to 5.5V, VOUT: 1.8V to 5.25V, IQ = 35μA, ISD < 1μA,
DFN Package
LTC3531
200mA Buck-Boost Synchronous DC/DC Converter
VIN: 1.8V to 5.5V, VOUT = 3.3V, IQ =16μA, ISD < 1μA, DFN Package
LTC3533
2A (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 1.8V to 5.5V, VOUT: 1.8V to 5.25V, IQ = 40μA, ISD < 1μA,
DFN Package
LTC3534
7V, 500mA Synchronous Buck-Boost DC/DC Converter
VIN: 2.4V to 7V, VOUT: 1.8V to 7V, IQ = 25μA, ISD < 1μA,
DFN Package
LTC3440
600mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.5V to 5.5V, VOUT: 2.5V to 5.25V, IQ = 25μA, ISD < 1μA,
MSOP and DFN Packages
LTC3441
1.2A (IOUT), 1MHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V, IQ = 25μA, ISD < 1μA,
DFN Package
LTC3442
1.2A (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
with Programmable Burst Mode Operation
VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V, IQ = 35μA, ISD < 1μA,
DFN Package
LTC3785
10V, High Efficiency, Synchronous, No RSENSE™ Buck-Boost
Controller
VIN: 2.7V to 10V, VOUT: 2.7V to 10V, IQ = 86μA, ISD < 15μA,
QFN Package
LTC3101
Wide VIN, Multi-Output DC/DC Converter and PowerPath™
Controller
VIN: 1.8V to 5.5V, VOUT: 1.5V to 5.25V, IQ = 38μA, ISD < 15μA,
QFN Package
LTC3530
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
VIN: 1.8V to 5.5V, VOUT: 1.8V to 5.25V, IQ = 40μA, ISD < 1μA,
DFN Package
SW1
VIN
VOUT
LTC3113
2.2μH
RUN
47μF
4.7μF
200μF
4.7μF
VOUT
3.8V
0A TO 3A
VIN
3.3V
±10%
BURST
OFF ON
PWM BURST
FB
VC
68k
845k
220pF
10pF
90.9k
RT
SW2
SGND
PGND
158k
3113 TA06a
10k
33pF
VOUT
200mV/DIV
ILOAD
2A/DIV
100μs/DIV
3113 TA06b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com