Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3113 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 3 Page - Linear Technology

  LTC3113 Datasheet HTML 1Page - Linear Technology LTC3113 Datasheet HTML 2Page - Linear Technology LTC3113 Datasheet HTML 3Page - Linear Technology LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3113
3
3113f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3113 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3113E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the
–40°C to 125°C operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3113I is guaranteed to meet performance specifications over the
–40°C to 125°C operating junction temperature range.
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the full junction temperature
range, otherwise specifications are at TA = 25°C (Note 2). VIN = 3.3V, VOUT = 3.8V unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Input Operating Range
l
1.8
5.5
V
Output Voltage Adjust Range
l
1.8
5.5
V
Feedback Voltage
VBURST = 0V
l
588
600
612
mV
Feedback Input Current
VFB = 0.7V
050
nA
Quiescent Current–Burst Mode Operation
VBURST = 3.3V
40
55
μA
Quiescent Current–Shutdown
VOUT = 0V, VRUN = 0V, Not Including Switch Leakage
0.1
1
μA
Quiescent Current–Active
VFB = 0.7V, VBURST = 0V, RT = 90.9k
300
500
μA
Input Current Limit
l
5.8
7.8
9.8
A
Peak Current Limit
6.5
11.1
16.0
A
Burst Mode Peak Current Limit
0.9
1.9
2.9
A
Reverse Current Limit
–1.6
–1
–0.4
A
NMOS Switch Leakage
Switch B, SW1 = 5.5V, VIN = 5.5V, VOUT = 5.5V
Switch C, SW2 = 5.5V, VIN = 5.5V, VOUT = 5.5V
0.01
0.01
10
10
μA
μA
PMOS Switch Leakage
Switch A, VIN = 5.5V, VOUT = 5.5V, SW1 = 0V
Switch D, VIN = 5.5V, VOUT = 5.5V, SW2 = 0V
0.01
0.01
20
20
μA
μA
NMOS Switch On-Resistance
Switch B, VOUT = 3.8V
Switch C, VOUT = 3.8V
25
35
PMOS Switch On-Resistance
Switch A, VIN = 3.3V
Switch D, VOUT = 3.8V
30
40
Maximum Duty Cycle
Boost (% Switch C On)
Buck (% Switch A On)
l
l
80
100
90
%
%
Minimum Duty Cycle
l
0%
Frequency Accuracy
RT = 90.9k
l
0.8
1
1.2
MHz
Error Amp AVOL
100
dB
Error Amp Source Current
VC = 0V, VFB = 0V
500
μA
Error Amp Sink Current
VC = 1.2V, VFB = 0.7V
160
μA
BURST Input Logic Threshold
l
0.3
0.7
1.2
V
BURST Input Current
VBURST = 5.5V
01
μA
RUN Input Logic Threshold
l
0.3
0.7
1.2
V
RUN Input Current
VRUN = 5.5V
01
μA
Soft-Start Time
2ms
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when the protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: Voltage transients on the switch pins beyond the DC limit specified
in the absolute maximum ratings are non-disruptive to normal operation
when using good layout practices, as shown on the demo board or
described in the data sheet and application notes.
Note 5: The junction temperature (TJ in °C) is calculated from the ambient
temperature (TA in °C) and the power dissipation (PD in Watts) as follows:
TJ = TA + (PD) • (θJA°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com