Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4371 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4371 Datasheet HTML 14Page - Linear Technology LTC4371 Datasheet HTML 15Page - Linear Technology LTC4371 Datasheet HTML 16Page - Linear Technology LTC4371 Datasheet HTML 17Page - Linear Technology LTC4371 Datasheet HTML 18Page - Linear Technology LTC4371 Datasheet HTML 19Page - Linear Technology LTC4371 Datasheet HTML 20Page - Linear Technology LTC4371 Datasheet HTML 21Page - Linear Technology LTC4371 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC4371
22
4371f
For more information www.linear.com/LTC4371
LINEAR TECHNOLOGY CORPORATION 2016
LT 0216 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC4371
relaTeD parTs
Typical applicaTion
–48V Ideal Diode-OR with Fuse and Open MOSFET Detection
4371 TA02
RDB
20k
F1
F2
LTC4371
DA
DB
GA
GB SA
VZ
VDD
SB VSS
FAULTB
M1
IPT020N10N3
M2
IPT020N10N3
VA
–36V TO
–72V
VB
–36V TO
–72V
VOUT
25A LOAD
D1
GREEN LED = FUSES/MOSFETS GOOD
RZ
30k
R1
33k
RTN
D2
1N4148W
C1
2.2F
D3
1N4148W
RDA
20k
PART NUMBER
DESCRIPTION
COMMENTS
LTC4354
Negative Voltage Diode-OR Controller and Monitor
Controls Two N-Channel MOSFETs, 1.2µs Turn-Off, –80V Operation
LTC4355
Positive Voltage Diode-OR Controller and Monitor
Controls Two N-Channel MOSFETs, 0.4µs Turn-Off, 80V Operation
LTC4357
Positive Voltage Ideal Diode Controller
Controls Single N-Channel MOSFET, 0.5µs Turn-Off, 80V Operation
LT®4250
–48V Hot Swap Controller
Active Current Limiting, Supplies from –20V to –80V
LTC4251/LTC4251-1/
LTC4251-2
–48V Hot Swap Controllers in SOT-23
Fast Active Current Limiting, Supplies from –15V
LTC4252-1/LTC4252-2/
LTC4252-A1/LTC4252-A2
–48V Hot Swap Controllers in MS8/MS10
Fast Active Current Limiting, Supplies from –15V, Drain Accelerated
Response
LTC4261/LTC4261-2
Negative Voltage Hot Swap Controllers with ADC
and I2C Monitoring
10-Bit ADC, Floating Topology, Adjustable Inrush



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com