Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5090GQHT Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5090GQHT
Description  Low IQ, Dual-Channel, 3A/2A Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5090GQHT Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5090GQHT Datasheet HTML 1Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 2Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 3Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 4Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 5Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 6Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 7Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 8Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP5090 – LOW IQ, DUAL-CHANNEL, 3A/2A LOAD SWITCH
MP5090 Rev. 1.0
www.MonolithicPower.com
3
5/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
TQFN (1.5mmx2.0mm)
CSP (1.05mmx1.60mm)
ABSOLUTE MAXIMUM RATINGS
(1)
VIN1/2 ................................................-0.3V to +6V
VCC ................................................-0.3V to +6V
VOUT1/2 .............................................-0.3V to +6V
All other pins ...................................-0.3V to +6V
Junction temperature ................................150°C
Lead temperature .....................................260°C
Continuous power dissipation
(2)(4)(5)
TQFN (1.5mmx2.0mm) .............................. 3.4W
CSP (1.05mmx1.60mm) ............................ 1.7W
Recommended Operating Conditions (3)
Supply voltage (VIN1/2) .....................0.5V to 5.5V
Supply voltage (VCC) ...................1.85V to 5.5V
Output voltage (VOUT1/2)...................0.5V to 5.5V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance(2)
θJA
θJC
EV5090-C-00A(4).................... 69....... 28... °C/W
TQFN-8 (1.5mmx2.0mm)(6)... 110...... 55... °C/W
EV5090-Q-00A(5) ................... 35........ 6.... °C/W
CSP (1.05mmx1.60mm)(6) .... 170......NA .. °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on EV5090-C-00A, 2-layer PCB.
5) Measured on EV5090-Q-00A, 2-layer PCB.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com