Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5090GQHT Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5090GQHT
Description  Low IQ, Dual-Channel, 3A/2A Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5090GQHT Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5090GQHT Datasheet HTML 1Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 2Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 3Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 4Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 5Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 6Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 7Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 8Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP5090
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090 Rev. 1.0
www.MonolithicPower.com
1
5/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5090 integrates dual load switches to
provide load protection covering a 0.5V to 5.5V
voltage range. Each channel provides up to
3A/2A of load protection covering a 0.5V to
5.5V voltage range with a 1.85V VCC power
supply. With a small RDS(ON) in a tiny package,
the MP5090 provides a highly efficient and
space-saving solution for notebook, tablet, and
other portable device applications.
With an internal soft-start function, the MP5090
can prevent inrush current during circuit start-up.
The MP5090 also provides internal current limit,
hiccup protection, and thermal shutdown
features. The MP5090 also parallels both
channels easily to double the current capability.
The
MP5090
is
available
in
TQFN-8
(1.5mmx2.0mm)
and
8-ball
CSP
(1.05mmx1.60mm) packages.
FEATURES
Low Quiescent Current: 40µA
Wide VIN Range from 0.5V to 5.5V
<1µA Shutdown Current
Output Discharge Function
Continuous Current Capability
o
MP5090GQHT: 3A
o
MP5090GC: 2A
Integrated Low RDS(ON) MOSFETs
o
MP5090GQHT: 20mΩ
o
MP5090GC: 30mΩ
Enable Pin (EN1, EN2)
Short-Circuitry Response Protection
Easily Parallel-Connect Dual Channel
Supports Reverse Block Connection
Thermal Protection
Available in TQFN-8 (1.5mmx2.0mm) and
8-Ball CSP (1.05mmx1.60mm) Packages
APPLICATIONS
Notebook and Tablet Computers
Portable Devices
Solid-State Drives
Handheld Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5090GQHT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MP5092GD MPS-MP5092GD Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MP5095 MPS-MP5095 Datasheet
686Kb / 14P
Low IQ, Dual-Channel, 2.3A Load Switch
MP5095GJ MPS-MP5095GJ Datasheet
686Kb / 14P
Low IQ, Dual-Channel, 2.3A Load Switch
MP5095GJ-P MPS-MP5095GJ-P Datasheet
686Kb / 14P
Low IQ, Dual-Channel, 2.3A Load Switch
More results

Similar Description - MP5090GQHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Semtech Corporation
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Monolithic Power System...
MP5095 MPS-MP5095 Datasheet
686Kb / 14P
Low IQ, Dual-Channel, 2.3A Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com