Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1400GC Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1400GC
Description  7V Input, 0.6A, 1.5MHz Negative Power Convertor Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1400GC Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1400GC Datasheet HTML 1Page - Monolithic Power Systems MP1400GC Datasheet HTML 2Page - Monolithic Power Systems MP1400GC Datasheet HTML 3Page - Monolithic Power Systems MP1400GC Datasheet HTML 4Page - Monolithic Power Systems MP1400GC Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV1400-C-01A
– 7V, 1.5MHz, 0.6A, BUCK-BOOST CONVERTER
EV1400-C-01A Rev.1.0
www.MonolithicPower.com
4
9/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYOUT
Figure 1
—Top Silk Layer
Figure 2
—Top Silk Layer
Figure 3
—Bottom Layer
Figure 4
—Bottom Silk Layer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com